Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8460A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8460A
Description  Self Protected High Side Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8460A Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8460A_16 Datasheet HTML 1Page - ON Semiconductor NCV8460A_16 Datasheet HTML 2Page - ON Semiconductor NCV8460A_16 Datasheet HTML 3Page - ON Semiconductor NCV8460A_16 Datasheet HTML 4Page - ON Semiconductor NCV8460A_16 Datasheet HTML 5Page - ON Semiconductor NCV8460A_16 Datasheet HTML 6Page - ON Semiconductor NCV8460A_16 Datasheet HTML 7Page - ON Semiconductor NCV8460A_16 Datasheet HTML 8Page - ON Semiconductor NCV8460A_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV8460A
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (8
≤ VD ≤ 36 V; −40°C < TJ < 150°C unless otherwise specified)
Rating
Symbol
Conditions
Value
Unit
Min
Typ
Max
Operating Supply Voltage
VD
6
36
V
Undervoltage Shutdown
VUV
3
5
6
V
Undervoltage
VUV_Rst
6.5
V
Overvoltage Shutdown
VOV
36
V
On Resistance
RON
Iout = 2 A; TJ = 25°C, VD > 8 V
Iout = 2 A, VD > 8 V
60
120
m
W
Standby Current
ID
Off State, Vin = Vout = 0 V, VD = 13.5 V
On State; Vin = 5 V, VD = 13.5 V, Iout = 0 A
10
1.5
20
3.5
mA
mA
Output Leakage Current
IL
Vin = Vout = 0 V
Vin = 0 V, Vout = 3.5 V
Vin = Vout = 0 V, VD = 13.5 V
−20
50
10
3
mA
INPUT CHARACTERISTICS
Input Voltage − Low
Vin_low
1.25
V
Input Current − Low
Iin_low
Vin = 1.25 V
1
mA
Input Voltage − High
Vin_high
3.25
V
Input Current − High
Iin_high
Vin = 3.25 V
10
mA
Input Hysteresis Voltage
Vhyst
0.25
V
Input Clamp Voltage
Vin_cl
Iin = 1 mA
Iin = −1 mA
11
−13
12
−12
13
−11
V
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td_on
to 10% Vout, VD = 13.5 V, RL = 6.5 W
40
ms
Turn−Off Delay Time
td_off
to 90% Vout, VD = 13.5 V, RL = 6.5 W
30
ms
Slew Rate On
dVout / dton
10% to 80% Vout, VD = 13.5 V, RL = 6.5 W
0.9
V /
ms
Slew Rate Off
dVout / dtoff
90% to 10% Vout, VD = 13.5 V, RL = 6.5 W
0.7
V /
ms
OUTPUT DIODE CHARACTERISTICS (Note 3)
Forward Voltage
VF
Iout = −1.3 A, TJ = 150°C
0.6
V
STATUS PIN CHARACTERISTICS
Status Output Voltage Low
Vstat_low
Istat = 1.6 mA
0.2
0.5
V
Status Leakage Current
Istat_leakage
Vstat = 5 V
1
10
mA
Status Pin Input Capacitance
Cstat
Vstat = 5 V (Note 3)
100
pF
Status Clamp Voltage
Vstat_cl
Istat =1 mA
Istat = −1 mA
10
−2.2
11
−1.2
12
−0.6
V
PROTECTION FUNCTIONS (Note 4)
Temperature Shutdown
(Note 3)
TSD
150
175
200
°C
Temperature Shutdown
Hysteresis (Note 3)
TSD_hyst
7
15
°C
Output Current Limit
Ilim
8 V < VD < 36 V
6
9
15
A
6 V < VD < 36 V
15
A
Status Delay in Overload
td_stat
20
ms
Switch Off Output Clamp
Voltage
Vclamp
Iout = 2 A, Vin = 0 V, L = 6 mH
VD
41
VD
45
VD
55
V
3. Not subjected to production testing
4. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper hardware/software strategy. If the devices operates under abnormal conditions this hardware/software solutions
must limit the duration and number of activation cycles.


Similar Part No. - NCV8460A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8460ADR2G ONSEMI-NCV8460ADR2G Datasheet
160Kb / 16P
   Self Protected High Side Driver with Temperature Shutdown and Current Limit
August, 2012 ??Rev. 1
More results

Similar Description - NCV8460A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
NCV8452 ONSEMI-NCV8452 Datasheet
117Kb / 13P
   Self Protected High Side Driver
August, 2016 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
NCV8450 ONSEMI-NCV8450_15 Datasheet
88Kb / 9P
   Self-Protected High Side Driver
October, 2015 ??Rev. 5
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com