Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7113VGE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L7113VGE
Description  T-1 3/4 GREEN LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L7113VGE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L7113VGE Datasheet HTML 1Page - List of Unclassifed Manufacturers L7113VGE Datasheet HTML 2Page - List of Unclassifed Manufacturers L7113VGE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: CDA0761
REV NO: V.1
DATE: NOV/17/2001
PAGE: 2 OF 3
APPROVED: J.LU
CHECKED:
DRAWN: S.H.CHEN
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pn
e
e
r
G8
1
5m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dn
e
e
r
G5
2
5m
nA
m
0
2
=
F
I
∆λ 2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
Sn
e
e
r
G6
3m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
Cn
e
e
r
G0
5F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
Fn
e
e
r
G0
.
45
.
4V
A
m
0
2
=
F
I
IR
t
n
e
r
r
u
C
e
s
r
e
v
e
Rn
e
e
r
G0
1A
uV
5
=
R
V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gs
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
0
2
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D
0
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P
0
5
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
E
/
C
G
V
3
1
1
7
L)
N
a
G
n
I(
N
E
E
R
GR
A
E
L
C
R
E
T
A
W0
0
8
20
0
5
0
2
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.


Similar Part No. - L7113VGE

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L7113SEC-H KINGBRIGHT-L7113SEC-H Datasheet
60Kb / 3P
   T-1 3/4 (5mm) LED LAMP
More results

Similar Description - L7113VGE

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113TGC-Z KINGBRIGHT-WP7113TGC-Z Datasheet
261Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113VGC-Z KINGBRIGHT-WP7113VGC-Z Datasheet
263Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP1513GC KINGBRIGHT-WP1513GC Datasheet
116Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP GREEN
WP1513GT KINGBRIGHT-WP1513GT Datasheet
116Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP GREEN
WP7083VGD-Z KINGBRIGHT-WP7083VGD-Z Datasheet
250Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP1503GT KINGBRIGHT-WP1503GT Datasheet
259Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113CGCK KINGBRIGHT-WP7113CGCK Datasheet
256Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113VGC-A KINGBRIGHT-WP7113VGC-A Datasheet
411Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
logo
CML Microcircuits
329204 CMLMICRO-329204 Datasheet
23Kb / 1P
   T-1 3/4 Bi-Lin Lamp
logo
Kingbright Corporation
L-7113SYC KINGBRIGHT-L-7113SYC Datasheet
85Kb / 3P
   T-1 3/4 (5MM) LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com