Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CN12641 Datasheet(PDF) 2 Page - Cree, Inc

Part No. CN12641
Description  Lenina series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CREE [Cree, Inc]
Homepage  http://www.cree.com/
Logo 

CN12641 Datasheet(HTML) 2 Page - Cree, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Base material PC, white
Reflector material PC
A
D
3
2
4
1
DESIGNED BY
pl
DATE
08.03.2012
CHECKED BY
DATE
DRAWN BY
ks
DATE
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
1:1 WEIGHT(g)
SHEET
1/1
SIZE
A4
DRAWING NUMBER
--
REV
1
DRAWING TITLE
Datasheet Lenina series
Ledil Oy
Salorankatu 10
FIN-24240 SALO
Finland
NOTE:
Using optional sublens, add 2.1mm
to the system height
Dimension 'h2' varies from 4.5mm to
7mm depending on the LED specific base part
23.04.2014
Material of
optional sublens: PC, clear


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn