Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC0603JRNPO6BB Datasheet(PDF) 13 Page - YAGEO Corporation

Part # AC0603JRNPO6BB
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0603JRNPO6BB Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button AC0603JRNPO6BB Datasheet HTML 9Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 10Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 11Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 12Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 13Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 14Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 15Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 16Page - YAGEO Corporation AC0603JRNPO6BB Datasheet HTML 17Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Automotive grade
NP0
/X7R 6.3 V to 630 V
www.yageo.com
Mar. 31, 2017 V.6
Surface-Mount Ceramic Multilayer Capacitors
13
24
Product specification
Table 13
THICKNESS CLASSES AND PACKING QUANTITY
SIZE
CODE
THICKNESS
CLASSIFICATION
TAPE WIDTH
QUANTITY PER REEL
Ø 180 MM / 7 INCH
Ø 330 MM / 13 INCH
Paper
Blister
Paper
Blister
0402
0.5 ± 0.05 mm
8 mm
10,000
---
50,000
---
0603
0.8 ± 0.1 mm
8 mm
4,000
---
15,000
---
0805/0508
0.6 ± 0.1 mm
8 mm
4,000
---
20,000
---
0.85 ± 0.1 mm
8 mm
4,000
---
15,000
---
1.25 ± 0.2 mm
8 mm
---
3,000
---
10,000
1206/0612
0.6 ± 0.1 mm
8 mm
4,000
---
20,000
---
0.85 ± 0.1 mm
8 mm
4,000
---
15,000
---
1.0/1.15 ± 0.1 mm
8 mm
---
3,000
---
10,000
1.25 ± 0.2 mm
8 mm
---
3,000
---
10,000
1.6 ± 0.2 mm
8 mm
---
2,000
---
10,000
1210
0.85 ± 0.1 mm
8 mm
---
4,000
---
10,000
1.15 ± 0.1 mm
8 mm
---
3,000
---
10,000
1.25 ± 0.2 mm
8 mm
---
3,000
---
10,000
1812
0.6 / 0.85± 0.1 mm
12 mm
---
2,000
---
---
1.15± 0.1 mm
12 mm
---
1,000
---
---
1.25± 0.2 mm
12 mm
---
1,000
---
---


Similar Part No. - AC0603JRNPO6BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603JR-07100R YAGEO-AC0603JR-07100R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710M YAGEO-AC0603JR-0710M Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710R YAGEO-AC0603JR-0710R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710RL YAGEO-AC0603JR-0710RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-071K YAGEO-AC0603JR-071K Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC0603JRNPO6BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com