Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12084 Datasheet(PDF) 1 Page - Cree, Inc

Part # C12084
Description  Brooke series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12084 Datasheet(HTML) 1 Page - Cree, Inc

  C12084 Datasheet HTML 1Page - Cree, Inc C12084 Datasheet HTML 2Page - Cree, Inc C12084 Datasheet HTML 3Page - Cree, Inc C12084 Datasheet HTML 4Page - Cree, Inc C12084 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATASHEET
Brooke series
last update 13/8/2014
DETAILS
Product Number
C12084_BROOKE-SCR-W
Family
Brooke
Type
Reflector
Color
metal
Diameter
45 mm
Height
20,2 mm
Style
round
Optic Material
PC
Holder Material
Fastening
glue, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
13/08/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L330
43 deg
Wide
91 %
1.240
-
CXA2011
47 deg
Wide
92 %
1.030
-
May 31st 2017 6:38 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12084

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12084 LEDIL-C12084 Datasheet
1Mb / 4P
   ~40째 wide beam and screw installation
More results

Similar Description - C12084

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12083 CREE-C12083 Datasheet
415Kb / 5P
   Brooke series
CN12351 CREE-CN12351 Datasheet
283Kb / 4P
   Brooke series
F14738 CREE-F14738 Datasheet
1Mb / 17P
   Brooke series
F14739 CREE-F14739 Datasheet
1Mb / 17P
   Brooke series
F14740 CREE-F14740 Datasheet
1Mb / 17P
   Brooke series
CN12352 CREE-CN12352 Datasheet
111Kb / 2P
   Brooke series
logo
Ledil, Inc.
CA11182-BROOKE-M LEDIL-CA11182-BROOKE-M Datasheet
440Kb / 9P
   Brooke series
CA11183-BROOKE-W LEDIL-CA11183-BROOKE-W Datasheet
217Kb / 4P
   Brooke series
FN14883 LEDIL-FN14883 Datasheet
1Mb / 27P
   Brooke RefPack
FN14836 LEDIL-FN14836 Datasheet
1Mb / 25P
   Brooke RefPack
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com