Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBM1045VSS_AY_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBM1045VSS_AY_10001
Description  LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBM1045VSS_AY_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBM1045VSS_AY_10001 Datasheet HTML 1Page - Pan Jit International Inc. SBM1045VSS_AY_10001 Datasheet HTML 2Page - Pan Jit International Inc. SBM1045VSS_AY_10001 Datasheet HTML 3Page - Pan Jit International Inc. SBM1045VSS_AY_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 21,2016-REV.01
SBM1045VSS
LOW VF SCHOTTKY RECTIFIER
VOLTAGE
45 Volt
10 Ampere
FEATURES
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Low thermal resistance
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case : DO-201AD Molded plastic
• Terminals : Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Weight: 0.0402 ounces, 1.142 grams
CURRENT
MAXIMUM RATINGS (TA=25oC unless otherwise noted)
Notes : 1. Test without heat heatsink.
2. Mounted semi-infinite heatsink.
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=0.5mA
45
-
-
V
Instantaneous forward voltage
VF
I F=3A
I F=5A
I F=10A
TA=25oC
-
-
-
0.34
0.37
0.44
-
-
0.47
V
I F=3A
I F=5A
I F=10A
TA=125oC
-
-
-
0.26
0.32
0.42
-
-
-
V
Reverse current
I R
VR=36V
TA=25oC
-
0.04
-
mA
VR=45V
TA=25oC
TA=125oC
-
-
0.06
13
0.3
-
mA
mA
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
32
V
Maximum DC Blocking Voltage
VR
45
V
Maximum Average Rectified Output Current
I F(AV)
10
A
Peak Forward Surge Current : 8.3ms Single Half Sine-Wave
Superimposed On Rated Load
I FSM
200
A
Typical Thermal Resistance ,Junction to Ambient
Junction to Lead
(Note 1)
(Note 2)
RΘJA
RΘJL
38
10
oC/W
Operating Junction Temperature Range And Storage Temperature Range
TJ,TSTG
-55 to + 150
oC
0.052(1.3)
0.048(1.2)
0.210(5.3)
0.188(4.8)


Similar Part No. - SBM1045VSS_AY_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBM1045VSS PANJIT-SBM1045VSS Datasheet
49Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBM1045VSS_AY_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
CBD20120LCT PANJIT-CBD20120LCT Datasheet
52Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
SBM2060VCT PANJIT-SBM2060VCT_16 Datasheet
237Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SK54BL PANJIT-SK54BL Datasheet
232Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SB4045LCT PANJIT-SB4045LCT_16 Datasheet
91Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SB4040LDC-AU PANJIT-SB4040LDC-AU Datasheet
108Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT PANJIT-CBD20150VFCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT PANJIT-SBT20100UCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SK54BLF PANJIT-SK54BLF Datasheet
342Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SVM1550U PANJIT-SVM1550U Datasheet
180Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
logo
Shenzhen Winsemi Microe...
WSC15U50 WINSEMI-WSC15U50 Datasheet
131Kb / 4P
   Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com