Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBM845LSS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBM845LSS
Description  ULTRA LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBM845LSS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBM845LSS_16 Datasheet HTML 1Page - Pan Jit International Inc. SBM845LSS_16 Datasheet HTML 2Page - Pan Jit International Inc. SBM845LSS_16 Datasheet HTML 3Page - Pan Jit International Inc. SBM845LSS_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
May 4,2016­REV.01
SBM845LSS
ULTRA LOW VF SCHOTTKY RECTIFIER
VOLTAGE
45 Volt
8 Ampere
FEATURES
• Ultra low forward voltage drop, low power losses
• High efficiency operation
Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case : Molded plastic, DO-201AD
• Terminals : Axial leads,solderable per MIL-STD-750, Method 2026
• Polarity : Color band denotes cathode end
• Approx weight : 0.0402 ounces, 1.142 grams
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Note : 1.The testing condition of the thermal resistance (junction to ambient and junction to lead) is based on
0.375”(9.5mm) lead length between two 10x10cm copper pad heatsinks.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum rms voltage
VRMS
32
V
Maximum dc blocking voltage
VR
45
V
Maximum average forward rectified current
I F(AV)
8A
Peak forward surge current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
150
A
Typical thermal resistance
(Note 1)
RJA
RJL
40
23
O C/W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=0.5mA
45
-
-
V
Instantaneous forward voltage
VF
I F=1A
I F=5A
I F=8A
TJ=25oC
-
-
-
0.3
0.39
0.43
-
-
0.5
V
I F=1A
I F=5A
TJ=125oC
-
-
0.2
0.33
-
-
V
Reverse current
I R
VR=36V
-
45
-
A
VR=45V
TJ=25oC
TJ=125oC
-
-
-
12
250
-
A
mA
0.052(1.3)
0.048(1.2)
0.210(5.3)
0.188(4.8)
1
2
Cathode
Anode


Similar Part No. - SBM845LSS_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBM845LSS PANJIT-SBM845LSS Datasheet
78Kb / 4P
   Ultra low forward voltage drop, low power losses
More results

Similar Description - SBM845LSS_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10100VCT PANJIT-SBT10100VCT_16 Datasheet
229Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM2045VFCT PANJIT-SBM2045VFCT_16 Datasheet
317Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT1550VS PANJIT-SBT1550VS_16 Datasheet
268Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com