Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB620_T0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB620_T0_00001
Description  ISOLATION SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB620_T0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB620_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. SB620_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. SB620_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. SB620_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
October 3,2016-REV.06
SB620 SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage, high frequency inverters
free wheeling , and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
ISOLATION SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
6 Ampere
CURRENT
MECHANICAL DATA
• Case: TO-220AC molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.067 ounces, 1.89 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE : Both Bonding and Chip structure are available.
PA RAM E TER
S Y M BO L
SB6 2 0
SB6 3 0
SB6 4 0
SB6 5 0
SB6 6 0
UNI T S
M a xim um Re cur r ent P e ak Re ve r s e Vo lt age
V
RR M
20
30
40
5 0
60
V
M a ximum RM S Vo l t a g e
V
RM S
14
21
28
35
42
V
M a ximum DC B l o c k i ng Vo l t a g e
V
DC
20
30
40
5 0
60
V
M a xim um Aver a ge Fo r w ar d C ur r ent
I
F( AV )
6A
P e ak For w ar d S ur ge C ur r ent : 8. 3m s si ng l e ha l f si ne -
w a ve s uper im pose d on r a t e d l oad
I
FS M
75
A
M a xim um For w ar d Vo lt age at 6A
V
F
0. 55
0. 7
V
M a xim um DC R e ve r s e C ur r ent at Ra t ed D C
B l oc ki ng Vo lt age
T
J =2 5
O C
T
J = 100
O C
I
R
0.2
15
mA
Ty pi cal Ther m a l R e s is t anc e
R
θJC
3
O C / W
O per at ing J unc t i on Te m per at ur e R a ng e
T J
- 55 t o + 125
- 55 t o + 1 50
O C
S t or age Te m per a t ur e Ra ng e
T STG
-5 5 t o + 1 5 0
O C


Similar Part No. - SB620_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB620CT PANJIT-SB620CT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
logo
Won-Top Electronics
SB620CT WTE-SB620CT Datasheet
61Kb / 4P
   6.0A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB620CT PANJIT-SB620CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB620CT PACELEADER-SB620CT Datasheet
270Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB620CT PANJIT-SB620CT Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB620_T0_00001

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB1620F TRSYS-SB1620F Datasheet
148Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB620FCT PANJIT-SB620FCT_04 Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB2520FCT PANJIT-SB2520FCT_04 Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_09 Datasheet
96Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_16 Datasheet
288Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_12 Datasheet
291Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_04 Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB820FCT PANJIT-SB820FCT_05 Datasheet
428Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
MBR1640FCT PANJIT-MBR1640FCT Datasheet
93Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_09 Datasheet
91Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_09 Datasheet
85Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com