Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR840FCT_T0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MBR840FCT_T0_00001
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR840FCT_T0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MBR840FCT_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. MBR840FCT_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. MBR840FCT_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. MBR840FCT_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
October 14,2016-REV.03
MBR840FCT~MBR8200FCT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltge, high current capability
• High surge capacity.
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SCHOTTKY BARRIER RECTIFIER
VOLTAGE
40 to 200 Volt
CURRENT
8 Ampere
MECHANICAL DATA
• Case: ITO-220AB molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.056 ounces, 1.6 grams.
NOTES : Both Bonding and Chip structure are available.
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load.
PARAM ETER
SY M BO L MBR840FCT MBR845FCT MBR850FCT MBR860FCT MBR880FCT MBR890FCT MBR8100FCT MBR8150FCT MBR8200FCT UNI TS
Maximum Re current Pea k Re verse Volt ag e
V
RRM
40
45
50
60
80
90
1 00
15 0
20 0
V
M aximum RM S Volt ag e
V
RM S
28
31.5
35
42
56
63
7 0
1 05
14 0
V
M aximum DC Block ing Volt ag e
V
DC
40
45
50
60
80
90
1 00
15 0
20 0
V
M aximum Aver age For w ar d ( See Figur e 1)
I
F(AV)
8A
Pe ak Fo rw ar d Surge Current : 8. 3 ms single ha lf sine-w a ve
super imp osed on r a ted load
I
FSM
150
A
M aximum Fo r w ar d Vo lt age at 4A
V
F
0 . 7
0.7 5
0.8
0 . 9
V
M aximum DC Re ver s e Cur r e nt at Rat e d DC Blo cking
Vo lt a ge
T
J=2 5
O C
T
J= 100
O C
I
R
0. 05
20
mA
Ty pica l The r mal Re sist a nce
R
θJC
3
OC / W
O per at ing J unc t ion and St or age Te mper at ur e Rang e
T
J ,T STG
- 55 to + 150
- 65 to +1 75
O C


Similar Part No. - MBR840FCT_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR840FCT PANJIT-MBR840FCT Datasheet
92Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR840FCT_T0_00001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com