Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR840_T0_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MBR840_T0_00001
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR840_T0_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MBR840_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. MBR840_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. MBR840_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. MBR840_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
October 3,2016-REV.04
MBR840~MBR8200
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
.5
.6
.7
.8
.9
1.0
1.1
1.2
50V~60V
80V~100V
150V~200V
40V~45V
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
CASE TEMPERATURE, C
O
10.0
8.0
4.0
0
2.0
6.0
0
20
40
60
80
100
120
140
160
180
=40V
= 45-200V
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60Hz
150
120
110
90
70
50
30
20
10
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method


Similar Part No. - MBR840_T0_00001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR840CT TSC-MBR840CT Datasheet
114Kb / 2P
   Isolation 8.0 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR840CT PANJIT-MBR840CT Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR840CT KERSEMI-MBR840CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
MBR840CT KERSEMI-MBR840CT Datasheet
848Kb / 2P
   Isolation 8.0 AMPS. Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
MBR840CT CHENDA-MBR840CT Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR840_T0_00001

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com