Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3017 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA3017
Description  Spindle 4-CH Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3017 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA3017 Datasheet HTML 1Page - Fairchild Semiconductor KA3017 Datasheet HTML 2Page - Fairchild Semiconductor KA3017 Datasheet HTML 3Page - Fairchild Semiconductor KA3017 Datasheet HTML 4Page - Fairchild Semiconductor KA3017 Datasheet HTML 5Page - Fairchild Semiconductor KA3017 Datasheet HTML 6Page - Fairchild Semiconductor KA3017 Datasheet HTML 7Page - Fairchild Semiconductor KA3017 Datasheet HTML 8Page - Fairchild Semiconductor KA3017 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• Built-in Power Save Circuit
• Built-in Current Limit Circuit
• Built-in Thermal Shutdown Circuit (TSD)
• Built-in Hall Bias
• Built-in FG Signal Output Circuit
• Built-in Rotational Direction Detecting Circuit
• Built-in Protection Circuit For Reverse Rotation
• Built-in Short Brake Circuit
• Built-in Normal OP-AMP
• Built-in 4-CH Balanced Transformerless (BTL) Driver
• Built-in BTL MUTE Circuit (CH1-2, CH3 and CH4)
• Corresponds to 3.3V DSP
Description
The KA3017 is a monolithic integrated circuit suitable for a
4-CH motor driver which drives the tracking actuator, focus
actuator, sled motor, loading motor and 3-phase BLDC
spindle motor of the MDP/CAR-MD/CAR-NAVIGATION
system.
48-QFPH-1414
KA3017
Spindle + 4-CH Motor Driver
Target Application
• Mini Disk Player
• Digital Video Disk Player
• Car Mini Disk Player
• Car Navigation System
Ordering Information
Device
Package
Operating Temp.
KA3017
48-QFPH-1414
-35
°°°°C ~ +85°°°°C


Similar Part No. - KA3017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
More results

Similar Description - KA3017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8729 FAIRCHILD-FAN8729 Datasheet
487Kb / 24P
   Spindle4-CH Motor Drive IC
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
logo
Mitsubishi Electric Sem...
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com