Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C512M32MD3-15BCN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C512M32MD3-15BCN
Description  Operating case temperature range
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C512M32MD3-15BCN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C512M32MD3-15BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
Power-Up, Initialization, and Power-Off
LPDDR3 devices must be powered up and initialized in a predefined manner. Power-up and initialization by means other
than those specified will result in undefined operation.
Voltage Ramp and Device Initialization
The following sequence must be used to power up the device. Unless specified otherwise, this procedure is mandatory
and applies to devices.
Voltage Ramp:
While applying power (after Ta), CKE must be held LOW (=<0.2 x VDDCA), and all other inputs must be between VILmin
and VIHmax. The device outputs remain at High-Z while CKE is held LOW. Following the completion of the voltage ramp
(Tb), CKE must be maintained LOW. DQ, DM, DQS and DQS voltage levels must be between VSSQ and VDDQ during
voltage ramp to avoid latch up. CK, CK, CS, and CA input levels must be between VSSCA and VDDCA during voltage
ramp to avoid latch-up.
The following conditions apply:
Ta is the point where any power supply first reaches 300 mV.
After Ta is reached, VDD1 must be greater than VDD2 - 200 mV.
After Ta is reached, VDD1 and VDD2 must be greater than VDDCA - 200 mV.
After Ta is reached, VDD1 and VDD2 must be greater than VDDQ - 200 mV.
After Ta is reached, VREF must always be less than all other supply voltages.
Note:
Ta is the point when any power supply first reaches 300mV.
Noted conditions apply between Ta and power-off (controlled or uncontrolled).
Tb is the point at which all supply and reference voltages are within their defined operating ranges.
Power ramp duration tINIT0 (Tb - Ta) must be no greater than 20 ms.
The voltage difference between any of VSS, VSSQ, and VSSCA pins may not exceed 100 mV.
Beginning at Tb, CKE must remain LOW for at least Tinit1 = 100 ns, after which CKE can be asserted HIGH. The clock
must be stable at least Tinit2 = 5 x Tck prior to the first CKE LOW-to-HIGH transition (Tc). CKE, CS, and CA inputs must
observe setup and hold requirements (Tis, Tih) with respect to the first rising clock edge (as well as to subsequent falling
and rising edges).
If any MRRs are issued, the clock period must be within the range defined for tCKb. MRWs can be issued at normal
clock frequencies as long as all AC timings are met. Some AC parameters (for example, Tdqsck) could have relaxed
timings (such as tDQSCKb) before the system is appropriately configured. While keeping CKE HIGH, NOP commands
must be issued for at least Tinit3 (Td). The ODT input signal may be in undefined state until tIS before CKE is registered
HIGH. When CKE is registered HIGH, the ODT input signal shall be statically held at either LOW or HIGH. The ODT
input signal remains static until the power up initialization sequence is finished, including the expiration of tZQINIT.
AS4C512M32MD3-15BCN
Confidential
- 9 of 104 -
Rev.1.0 Nov. 2016


Similar Part No. - AS4C512M32MD3-15BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C512M8D3 ALSC-AS4C512M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C512M8D3-12BAN ALSC-AS4C512M8D3-12BAN Datasheet
4Mb / 83P
   AEC-Q100 Compliant
AS4C512M8D3-12BCN ALSC-AS4C512M8D3-12BCN Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C512M8D3-12BIN ALSC-AS4C512M8D3-12BIN Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
More results

Similar Description - AS4C512M32MD3-15BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M32MD2-18BCN ALSC-AS4C128M32MD2-18BCN Datasheet
3Mb / 103P
   Operating case temperature range
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com