Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74FCT245ATD Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. 74FCT245ATD
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

74FCT245ATD Datasheet(HTML) 1 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
1
DECEMBER 2016
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
FEATURES:
• Std., A, and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 64mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Military product compliant to MIL-STD-883, Class B and DESC
listed (dual marked)
• Power off disable outputs permit "live insertion"
• Available in the following packages:
– Industrial: SOIC, SSOP, QSOP, TSSOP
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT245T/AT/CT
FAST CMOS OCTAL
BIDIRECTIONAL
TRANSCEIVER
DESCRIPTION:
The IDT octal bidirectional transceivers are built using an advanced dual
metal CMOS technology. The FCT245T is designed for asynchronous two-
way communication between data buses. The transmit/receive (T/R) input
determines the direction of data flow through the bidirectional transceiver.
Transmit (active high) enables data from A ports to B ports, and receive
(active low) from B ports to A ports. The output enable (OE) input, when
high, disables both A and B ports by placing them in high Z condition.
A
B0
0
T/
R
OE
A
B1
1
A
B2
2
A
B3
3
A
B4
4
A
B5
5
A
B6
6
A
B7
7
DSC-5510/7
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn