Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74FCT245ATD Datasheet(PDF) 7 Page - Integrated Device Technology

Part No. 74FCT245ATD
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

74FCT245ATD Datasheet(HTML) 7 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
7
ORDERING INFORMATION
XX
Temp. Range
FCT
XXXX
Device Type
XX
Package
X
Process
Fast CMOS Octal Bidirectional Transceiver
245T
245AT
245CT
SO
PY
Q
PG
Industrial Options
Small Outline IC (PSG20)
Shrink Small Outline Package (PYG20)
Quarter-size Small Outline Package (PCG20)
Thin Shrink Small Outline Package (PGG20)
D
L
Military Options
CERDIP (CD20)
Leadless Chip Carrier (LC20)
Blank
B
Industrial
MIL-STD-883, Class B
54
74
−55°C to +125°C
−40°C to +85°C
Tube
Tape and Reel
Blank
8
X
Green
G
X
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
09/29/2009
Pg. 7
Updated the ordering information by removing the "IDT" notation and non RoHS part.
12/12/2016
Pg. 7
Updated the ordering information by adding detailed package information and Tape & Reel.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn