Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74FCT245ATD Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. 74FCT245ATD
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

74FCT245ATD Datasheet(HTML) 3 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1µA
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
±1µA
IOZH
High Impedance Output Current
VCC = Max
VO = 2.7V
±1µA
IOZL
(3-State output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1µA
VIK
ClampDiodeVoltage
VCC = Min, IIN = -18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%; Military: TA = –55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. The test limit for this parameter is ±5µA at TA = –55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min
IOH = –6mA MIL
2.4
3.3
VIN = VIH or VIL
IOH = –8mA IND
V
IOH = –12mA MIL
2
3
IOH = –15mA IND
VOL
OutputLOWVoltage
VCC = Min
IOL = 48mA MIL
0.3
0.55
V
VIN = VIH or VIL
IOL = 64mA IND
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
OUTPUT DRIVE CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn