Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT245TD Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 74FCT245TD
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT245TD Datasheet(HTML) 1 Page - Integrated Device Technology

  74FCT245TD Datasheet HTML 1Page - Integrated Device Technology 74FCT245TD Datasheet HTML 2Page - Integrated Device Technology 74FCT245TD Datasheet HTML 3Page - Integrated Device Technology 74FCT245TD Datasheet HTML 4Page - Integrated Device Technology 74FCT245TD Datasheet HTML 5Page - Integrated Device Technology 74FCT245TD Datasheet HTML 6Page - Integrated Device Technology 74FCT245TD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
1
DECEMBER 2016
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
FEATURES:
• Std., A, and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 64mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Military product compliant to MIL-STD-883, Class B and DESC
listed (dual marked)
• Power off disable outputs permit "live insertion"
• Available in the following packages:
– Industrial: SOIC, SSOP, QSOP, TSSOP
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT245T/AT/CT
FAST CMOS OCTAL
BIDIRECTIONAL
TRANSCEIVER
DESCRIPTION:
The IDT octal bidirectional transceivers are built using an advanced dual
metal CMOS technology. The FCT245T is designed for asynchronous two-
way communication between data buses. The transmit/receive (T/R) input
determines the direction of data flow through the bidirectional transceiver.
Transmit (active high) enables data from A ports to B ports, and receive
(active low) from B ports to A ports. The output enable (OE) input, when
high, disables both A and B ports by placing them in high Z condition.
A
B0
0
T/
R
OE
A
B1
1
A
B2
2
A
B3
3
A
B4
4
A
B5
5
A
B6
6
A
B7
7
DSC-5510/7
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.


Similar Part No. - 74FCT245TD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT245 TI-74FCT245 Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
More results

Similar Description - 74FCT245TD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com