Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K6F2016U4E Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. K6F2016U4E
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F2016U4E Datasheet(HTML) 3 Page - Samsung semiconductor

  K6F2016U4E Datasheet HTML 1Page - Samsung semiconductor K6F2016U4E Datasheet HTML 2Page - Samsung semiconductor K6F2016U4E Datasheet HTML 3Page - Samsung semiconductor K6F2016U4E Datasheet HTML 4Page - Samsung semiconductor K6F2016U4E Datasheet HTML 5Page - Samsung semiconductor K6F2016U4E Datasheet HTML 6Page - Samsung semiconductor K6F2016U4E Datasheet HTML 7Page - Samsung semiconductor K6F2016U4E Datasheet HTML 8Page - Samsung semiconductor K6F2016U4E Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CMOS SRAM
K6F2016U4E Family
- 3 -
Revision 2.0
September 2001
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions longer than 1seconds may affect reliability.
Item
Symbol
Ratings
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.2 to VCC+0.3V
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 3.6V
V
Power Dissipation
PD
1.0
W
Storage temperature
TSTG
-65 to 150
°C
Operating Temperature
TA
-40 to 85
°C
FUNCTIONAL DESCRIPTION
1. X means don
′t care.(Must be low or high state.)
CS
OE
WE
LB
UB
I/O1~8
I/O9~16
Mode
Power
H
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
X1)
X1)
H
H
High-Z
High-Z
Deselected
Standby
L
H
H
L
X1)
High-Z
High-Z
Output Disabled
Active
L
H
H
X1)
L
High-Z
High-Z
Output Disabled
Active
L
L
H
L
H
Dout
High-Z
Lower Byte Read
Active
L
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
L
H
L
L
Dout
Dout
Word Read
Active
L
X1)
L
L
H
Din
High-Z
Lower Byte Write
Active
L
X1)
L
H
L
High-Z
Din
Upper Byte Write
Active
L
X1)
L
L
L
Din
Din
Word Write
Active
PRODUCT LIST
Industrial Temperature Products(-40~85
°C)
Part Name
Function
K6F2016U4E-EF55
K6F2016U4E-EF70
48-TBGA, 55ns, 3.0V
48-TBGA, 70ns, 3.0V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn