Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS63LV1024-15JI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS63LV1024-15JI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63LV1024-15JI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS63LV1024-15JI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63LV1024-15JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63LV1024-15JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63LV1024-15JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63LV1024-15JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63LV1024-15JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63LV1024-15JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63LV1024-15JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2000, Integrated Silicon Solution, Inc.
IS63LV1024
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. H
10/02/00
128K x 8 HIGH-SPEED CMOS STATIC RAM
3.3V REVOLUTIONARY PINOUT
FEATURES
• High-speed access times:
8, 10, 12 and 15 ns
• High-performance, low-power CMOS process
• Multiple center power and ground pins for
greater noise immunity
• Easy memory expansion with
CE and OE
options
CE power-down
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 3.3V power supply
• Packages available:
– 32-pin 300-mil SOJ
– 32-pin 400-mil SOJ
– 32-pin TSOP (Type II)
DESCRIPTION
The
ISSI IS63LV1024 is a very high-speed, low power,
131,072-word by 8-bit CMOS static RAM in revolutionary
pinout. The IS63LV1024 is fabricated using
ISSI's
high-performance CMOS technology. This highly reliable
process coupled with innovative circuit design
techniques, yields higher performance and low power
consumption devices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down to 250 µW (typical) with CMOS input levels.
The IS63LV1024 operates from a single 3.3V power
supply and all inputs are TTL-compatible.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE
OE
WE
128K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
SEPTEMBER 2000


Similar Part No. - IS63LV1024-15JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024-10J ISSI-IS63LV1024-10J Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024-10K ISSI-IS63LV1024-10K Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024-10KI ISSI-IS63LV1024-10KI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024-10T ISSI-IS63LV1024-10T Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024-12J ISSI-IS63LV1024-12J Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results

Similar Description - IS63LV1024-15JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com