Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C64M16MD2-25BCN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C64M16MD2-25BCN
Description  Configurable Drive Strength
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16MD2-25BCN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C64M16MD2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 129 page
background image
3.2 Power-up, Initialization, and Power-Off
LPDDR2 Devices must be powered up and initialized in a predefined manner. Operational procedures other than
those specified may result in undefined operation
3.2.1 Power Ramp and Device Initialization
The following sequence shall be used to power up an LPDDR2 device.
1. Power Ramp
While applying power (after Ta), CKE shall be held at a logic low level (=< 0.2 x VDD2), all other inputs shall be
between VILmin and VIHmax. The LPDDR2 device will only guarantee that outputs are in a high impedance state
while CKE is held low.
On or before the completion of the power ramp (Tb) CKE must be held low.
DQ, DM, DQS and DQS# voltage levels must be between VSSQ and VDDQ during voltage ramp to avoid latch-up.
CK, CK#, CS#, and CA input levels must be between VSSCA and VDD2 during voltage ramp to avoid latch-up.
The following conditions apply:
Ta is the point where any power supply first reaches 300 mV.
After Ta is reached, VDD1 must be greater than VDD2 - 200 mV.
After Ta is reached, VDD1 and VDD2 must be greater than VDD2 - 200 mV.
After Ta is reached, VDD1 and VDD2 must be greater than VDDQ - 200 mV.
After Ta is reached, VREF must always be less than all other supply voltages.
The voltage difference between any of VSS, VSSQ, and VSSCA pins may not exceed 100 mV.
The above conditions apply between Ta and power-off (controlled or uncontrolled).
Tb is the point when all supply voltages are within their respective min/max operating conditions. Reference
voltages shall be within their respective min/max operating conditions a minimum of 5 clocks before CKE goes high.
Power ramp duration tINIT0 (Tb - Ta) must be no greater than 20 ms.
NOTE VDD2 is not present in some systems. Rules related to VDD2 in those cases do not apply.
2. CKE and clock:
Beginning at Tb, CKE must remain low for at least tINIT1 = 100 ns, after which it may be asserted high. Clock must
be stable at least tINIT2 = 5 x tCK prior to the first low to high transition of CKE (Tc). CKE, CS# and CA inputs must
observe setup and hold time (tIS, tIH) requirements with respect to the first rising clock edge (as well as to the
subsequent falling and rising edges).
The clock period shall be within the range defined for tCKb (18 ns to 100 ns), if any Mode Register Reads are
performed.
Mode Register Writes can be sent at normal clock operating frequencies so long as all AC Timings are
met. Furthermore, some AC parameters (e.g. tDQSCK) may have relaxed timings (e.g. tDQSCKb) before the system
is appropriately configured.
While keeping CKE high, issue NOP commands for at least tINIT3 = 200 us. (Td).
3. Reset command:
After tINIT3 is satisfied, a MRW(Reset) command shall be issued (Td). The memory controller may optionally
issue a Precharge-All command (for LPDDR2-SX) to the MRW Reset command. Wait for at least tINIT4 = 1us while
keeping CKE asserted and issuing NOP commands.
4. Mode Registers Reads and Device Auto-Initialization (DAI) polling:
After tINIT4 is satisfied (Te) only MRR commands and power-down entry/exit commands are allowed.
Therefore, after Te, CKE may go low in accordance to Power-Down entry and exit specification (see “Powerdown” ).
The MRR command may be used to poll the DAI-bit to acknowledge when Device Auto-Initialization is complete or
the memory controller shall wait a minimum of tINIT5 before proceeding.
As the memory output buffers are not properly configured yet, some AC parameters may have relaxed timings
before the system is appropriately configured.
After the DAI-bit (MR0, “DAI”) is set to zero “DAI complete“ by the memory device, the device is in idle state (
Tf).
The state of the DAI status bit can be determined by an MRR command to MR0.
All SDRAM devices will set the DAI-bit no later than tINIT5 (10 us) after the Reset command. The memory
controller shall wait a minimum of tINIT5 or until the DAI-bit is set before proceeding.
After the DAI-Bit is set, it is recommended to determine the device type and other device characteristics by issuing
MRR commands (MR0 “Device Information” etc.).
5. ZQ Calibration:
After tINIT5 (
Tf), an MRW ZQ Initialization Calibration command may be issued to the memory (MR10). For
!
!
!
!
AS4C64M16MD2-25BCN
AS4C32M32MD2-25BCN
Confidential
- 11/129 -
Rev.1.0 July 2016


Similar Part No. - AS4C64M16MD2-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M16MD2A-25BIN ALSC-AS4C64M16MD2A-25BIN Datasheet
5Mb / 125P
   Low Power DDR2 SDRAM
More results

Similar Description - AS4C64M16MD2-25BCN

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342QT37BGD-300I GSI-GS8342QT37BGD-300I Datasheet
503Kb / 29P
   ZQ pin for programmable output drive strength
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
   6-input AND gate with 1x drive strength
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
   2-input OR gate with 1x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
   7-input OR gate with 3x drive strength.
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
   2-input OR gate with 2x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
   5-input AND gate with 2x drive strength.
MU82 AMSCO-MU82 Datasheet
13Kb / 2P
   8-input to 1-output digital multiplexer with 2x drive strength
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
   NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
   2-input NAND gate with one inverted input 2x drive strength
MU42 AMSCO-MU42 Datasheet
15Kb / 2P
   4-input to 1-output digital multiplexer with 2x drive strength
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com