Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGN200N60B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGN200N60B
Description  HiPerFASTTM IGBT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN200N60B Datasheet(HTML) 2 Page - IXYS Corporation

  IXGN200N60B Datasheet HTML 1Page - IXYS Corporation IXGN200N60B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= 60 A; V
CE = 10 V,
50
75
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
11000
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
680
pF
C
res
190
pF
Q
g
350
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
72
nC
Q
gc
131
nC
t
d(on)
60
ns
t
ri
45
ns
E
on
2.4
mJ
t
d(off)
200
360
ns
160
280
ns
t
ri
5.5
9.6
mJ
E
off
t
d(on)
60
ns
t
ri
60
ns
E
on
4.8
mJ
t
d(off)
290
ns
t
ri
250
ns
E
off
8.7
mJ
R
thJC
0.21 K/W
R
thCK
0.05
K/W
Inductive load, T
J = 25°C
I
C = 100A, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 2.4 W
Remarks: Switching times
may increase for
V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 125°C
I
C =100A, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 2.4 W
Remarks: Switching times
may increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
IXGN 200N60B
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
38.00
38.23
1.496
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
miniBLOC, SOT-227 B
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXGN200N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN200N60B3 IXYS-IXGN200N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGN200N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N30BD1 IXYS-IXGH40N30BD1 Datasheet
108Kb / 4P
   HiPerFASTTM IGBT
IXGH30N60B IXYS-IXGH30N60B Datasheet
53Kb / 2P
   HiPerFASTTM IGBT
IXGH12N60B IXYS-IXGH12N60B Datasheet
34Kb / 2P
   HiPerFASTTM IGBT
IXGN50N60B IXYS-IXGN50N60B Datasheet
118Kb / 4P
   HiPerFASTTM IGBT
IXGA20N60B IXYS-IXGA20N60B Datasheet
85Kb / 4P
   HiPerFASTTM IGBT
IXGR120N60B IXYS-IXGR120N60B Datasheet
566Kb / 5P
   HiPerFASTTM IGBT ISOPLUS247TM
IXGH30B60BD1 IXYS-IXGH30B60BD1 Datasheet
114Kb / 5P
   HiPerFASTTM IGBT with Diode
IXGK60N60C2D1 IXYS-IXGK60N60C2D1 Datasheet
620Kb / 5P
   HiPerFASTTM IGBT with Diode
IXSH24N60U1 IXYS-IXSH24N60U1 Datasheet
37Kb / 2P
   HiPerFASTTM IGBT with Diode
IXGH12N60CD1 IXYS-IXGH12N60CD1 Datasheet
61Kb / 2P
   HiPerFASTTM IGBT LightspeedTM Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com