Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C64M8D1-5BCN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D1-5BCN
Description  Fully synchronous operation
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D1-5BCN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4C64M8D1-5BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D1-5BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
AS4C64M8D1
Confidential
4
Rev.
2.0
Oct. /2014
Pin Descriptions
Table 2. Pin Details
Symbol
Type
Description
CK, CK
Input
Differential Clock: CK and CK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of CK and negative
edge of CK . Input and output data is referenced to the crossing of CK and CK (both
directions of the crossing)
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CK signal. If CKE
goes low synchronously with clock, the internal clock is suspended from the next clock
cycle and the state of output and burst address is frozen as long as the CKE remains
low. When all banks are in the idle state, deactivating the clock controls the entry to
the Power Down and Self Refresh modes.
BA0, BA1
Input
Bank Activate: BA0 and BA1 define to which bank the BankActivate, Read, Write, or
BankPrecharge command is being applied.
A0-A12
Input
Address Inputs: A0-A12 are sampled during the BankActivate command (row
address A0-A12) and Read/Write command (column address A0-A9, A11 with A10
defining Auto Precharge).
CS
Input
Chip Select: CS enables (sampled LOW) and disables (sampled HIGH) the
command decoder. All commands are masked when CS is sampled HIGH. CS
provides for external bank selection on systems with multiple banks. It is considered
part of the command code.
RAS
Input
Row Address Strobe: The RAS signal defines the operation commands in
conjunction with the CAS and WE signals and is latched at the positive edges of CK.
When RAS and CS are asserted "LOW" and CAS is asserted "HIGH," either the
BankActivate command or the Precharge command is selected by the WE signal.
When the WE is asserted "HIGH," the BankActivate command is selected and the
bank designated by BA is turned on to the active state. When the WE is asserted
"LOW," the Precharge command is selected and the bank designated by BA is
switched to the idle state after the precharge operation.
CAS
Input
Column Address Strobe: The CAS signal defines the operation commands in
conjunction with the RAS and WE signals and is latched at the positive edges of CK.
When RAS is held "HIGH" and CS is asserted "LOW," the column access is started
by asserting CAS "LOW." Then, the Read or Write command is selected by asserting
WE "HIGH" or “LOW”.
WE
Input
Write Enable: The WE signal defines the operation commands in conjunction with
the RAS and CAS signals and is latched at the positive edges of CK. The WE input
is used to select the BankActivate or Precharge command and Read or Write
command.
DQS
Input /
Output
Data Strobe: Output with read data, input with write data. Edge--aligned with read
data, centered in write data. Used to capture write data.
DM
Input
Data Input Mask: Input data is masked when DM is sampled HIGH during a write
cycle.
DQ0 – DQ7
Input /
Output
Data Bus: Data Input/output.
VDD
Supply Power Supply: 2.5V ± 0.2V
VSS
Supply Ground


Similar Part No. - AS4C64M8D1-5BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M8D1-5BCN ALSC-AS4C64M8D1-5BCN Datasheet
1Mb / 65P
   Individual byte write mask control
More results

Similar Description - AS4C64M8D1-5BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com