Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C16M32MD1-5BCN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C16M32MD1-5BCN
Description  Four internal banks for concurrent operation
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M32MD1-5BCN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C16M32MD1-5BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M32MD1-5BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
AS4C16M32MD1
Confidential
6
Rev. 1.0/July 2014
DQ for x32 DQ0-DQ31 (I/O)
Data Bus: Input / Output
DQS for x32:DQS0-DQS3 (I/O)
Data Strobe: Output with read data, input with write data. Edge-aligned with read data, centered with
write data. Used to capture write data. For x32 device, DQS0 corresponds to the data on DQ0-DQ7,
DQS1 corresponds to the data on DQ8-DQ15, DQS2 corresponds to the data on DQ16-DQ23, and
DQS3 corresponds to the data on DQ24-DQ31.
NC –
No Connect: No internal electrical connection is present
VDDQ (Supply)
I/O Power Supply
VSSQ (Supply)
I/O Ground
VDD (Supply)
Power Supply
VSS (Supply)
Ground


Similar Part No. - AS4C16M32MD1-5BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M32MS-6BIN ALSC-AS4C16M32MS-6BIN Datasheet
3Mb / 48P
   Multiple Burst Read with Single Write Operation
AS4C16M32MS-7BCN ALSC-AS4C16M32MS-7BCN Datasheet
3Mb / 48P
   Multiple Burst Read with Single Write Operation
More results

Similar Description - AS4C16M32MD1-5BCN

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C32M16MD1 ALSC-AS4C32M16MD1 Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R16400B ISSI-IS43R16400B Datasheet
4Mb / 57P
   Four internal banks for concurrent operation
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R32400D ISSI-IS43R32400D Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
IS43LR16400C ISSI-IS43LR16400C Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
1GB-DDR3L-AS4C128M8D3L ALSC-1GB-DDR3L-AS4C128M8D3L Datasheet
3Mb / 88P
   internal banks for concurrent operation
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
2GB-AUTO-AS4C256M8D3 ALSC-2GB-AUTO-AS4C256M8D3 Datasheet
2Mb / 82P
   8 internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com