Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS543B20RVFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS543B20RVFT
Description  4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS543B20RVFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS543B20RVFT Datasheet HTML 3Page - Texas Instruments TPS543B20RVFT Datasheet HTML 4Page - Texas Instruments TPS543B20RVFT Datasheet HTML 5Page - Texas Instruments TPS543B20RVFT Datasheet HTML 6Page - Texas Instruments TPS543B20RVFT Datasheet HTML 7Page - Texas Instruments TPS543B20RVFT Datasheet HTML 8Page - Texas Instruments TPS543B20RVFT Datasheet HTML 9Page - Texas Instruments TPS543B20RVFT Datasheet HTML 10Page - Texas Instruments TPS543B20RVFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
TPS543B20
www.ti.com
SLUSCR1 – MAY 2017
Product Folder Links: TPS543B20
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE VOLTAGE
VINTREF
Internal REF voltage
RVSEL=OPEN
1000
mV
VINTREFTOL
Internal REF voltage tolerance
TJ= -40°C to 125°C
–0.5%
+0.5%
0.6 V
≤ V ≤ 1.1 V
–1.0%
+1.0%
VINTREF_VSEL
Internal REF voltage range
Pragramable by VSEL (Pin 36)
0.6
1.10
V
OUTPUT VOLTAGE
IRSP
RSP input current
VRSP= 600 mV
–1
1
µA
DIFFERENTIAL REMOTE SENSE AMPLIFIER
fUGBW
Unity gain bandwidth(1)
5
8.5
MHz
A0
Open loop gain(1)
75
dB
SR
SLew rate(1)
±10
V/µs
VICM
Input common mode range(1)
–0.2
1.7
V
VOFFSET
Input offset voltage(1)
VRSN-VGND = 0 mV
–1.0
1.0
mV
VRSN-VGND = ±100 mV
–1.9
1.9
SWITCHING FREQUENCY
FSW
VO switching frequency Max
frequency for multi-phase is
1MHz
VIN = 12 V, VVO= 1.0 V, RT = 66.5 kΩ
300
kHz
VIN = 12 V, VVO= 1.0 V, RT = 48.7 kΩ
400
VIN = 12 V, VVO= 1.0 V, RT = 39.2 kΩ
500
VIN = 12 V, VVO= 1.0 V, RT = 28.0 kΩ
700
VIN = 12 V, VVO= 1.0 V, RT = 22.6 kΩ
850
VIN = 12 V, VVO= 1.0 V, RT = 19.1 kΩ
1000
VIN = 12 V, VVO= 1.0 V, RT = 15.4 kΩ
1200
VIN = 12 V, VVO= 1.0 V, RT = 8.06 kΩ
2000
tON(min)
Minimum on time(1)
DRVH rising to falling
30
ns
tOFF(min)
Minimum off time(1)
DRVH falling to rising
250
ns
INTERNAL BOOTSTRAP SWITCH
VF
Forward voltage
VBP-VBST, TA= 25°C, IF= 5 mA
0.1
0.2
V
VSEL
VSEL
Internal reference voltage
RVSEL= 0 kΩ
0.6
V
RVSEL= 8.66 kΩ
0.7
RVSEL= 15.4 kΩ
0.75
RVSEL= 23.7 kΩ
0.8
RVSEL= 34.8 kΩ
0.85
RVSEL= 51.1 kΩ
0.9
RVSEL= 78.7 kΩ
0.95
RVSEL= OPEN
1.0
RVSEL= 121 kΩ
1.05
RVSEL= 187 kΩ
1.1


Similar Part No. - TPS543B20RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543B22RYSR TI-TPS543B22RYSR Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25RYSR TI-TPS543B25RYSR Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
[Old version datasheet]   TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
More results

Similar Description - TPS543B20RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543C20 TI1-TPS543C20 Datasheet
7Mb / 48P
[Old version datasheet]   4 Vin to 16 Vin, 40-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS54J060 TI-TPS54J060 Datasheet
2Mb / 37P
[Old version datasheet]   TPS54J060 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.9-V Reference
TPS54J061 TI-TPS54J061 Datasheet
2Mb / 38P
[Old version datasheet]   TPS54J061 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.6-V Reference
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS541620 TI-TPS541620 Datasheet
4Mb / 53P
[Old version datasheet]   TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com