Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C16M16SA-CI Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C16M16SA-CI
Description  Operating temperature range
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16SA-CI Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16SA-CI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C16M16SA-CI Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
AS4C16M16SA-C&I
Confidential
10
Rev. 3.0
Mar. /2015
5
Read and AutoPrecharge command
(RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "H", A0-A8 = Column Address)
The Read and AutoPrecharge command automatically performs the precharge operation after the read
operation. Once this command is given, any subsequent command cannot occur within a time delay of
{tRP(min.) + burst length}. At full-page burst, only the read operation is performed in this command and the
auto precharge function is ignored.
6
Write command
(RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "L", A0-A8 = Column Address)
The Write command is used to write a burst of data on consecutive clock cycles from an active row in
an active bank. The bank must be active for at least tRCD(min.) before the Write command is issued. During
write bursts, the first valid data-in element will be registered coincident with the Write command.
Subsequent data elements will be registered on each successive positive clock edge (refer to the following
figure). The DQs remain with high-impedance at the end of the burst unless another command is initiated.
The burst length and burst sequence are determined by the mode register, which is already programmed. A
full-page burst will continue until terminated (at the end of the page it will wrap to column 0 and continue).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN A1
DIN A2
DIN A3
d
on’t care
T7
T8
COMMAND
NOP
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
The first data element and the write
are registered on the same clock edge
Figure 10. Burst Write Operation (Burst Length = 4)
A write burst without the auto precharge function may be interrupted by a subsequent Write,
BankPrecharge/PrechargeAll, or Read command before the end of the burst length. An interrupt coming
from Write command can occur on any clock cycle following the previous Write command (refer to the
following figure).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN B0
DIN B1
DIN B2
DIN B3
T7
T8
COMMAND
NOP
WRITE A
WRITE B
NOP
NOP
NOP
NOP
NOP
NOP
Figure 11. Write Interrupted by a Write (Burst Length = 4)
The Read command that interrupts a write burst without auto precharge function should be issued one
cycle after the clock edge in which the last data-in element is registered. In order to avoid data contention,
input data must be removed from the DQs at least one clock cycle before the first read data appears on the
outputs (refer to the following figure). Once the Read command is registered, the data inputs will be ignored
and writes will not be executed.


Similar Part No. - AS4C16M16SA-CI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16SA-6TCN ALSC-AS4C16M16SA-6TCN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6TIN ALSC-AS4C16M16SA-6TIN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6TIN ALSC-AS4C16M16SA-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
More results

Similar Description - AS4C16M16SA-CI

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com