Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXFH24N50Q Datasheet(PDF) 1 Page - IXYS Corporation

Part No. IXFH24N50Q
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH24N50Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH24N50Q Datasheet HTML 1Page - IXYS Corporation IXFH24N50Q Datasheet HTML 2Page - IXYS Corporation IXFH24N50Q Datasheet HTML 3Page - IXYS Corporation IXFH24N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
24N50
24
A
26N50
26
A
I
DM
T
C
= 25
°C, Note 1
24N50
96
A
26N50
104
A
I
AR
T
C
= 25
°C
24N50
24
A
26N50
26
A
E
AR
T
C
= 25
°C
30
mJ
E
AS
T
C
= 25
°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
300
W
T
J
-55 ... +150
° C
T
JM
150
° C
T
stg
-55 ... +150
° C
T
L
1.6 mm (0.063 in) from case for 10 s
300
° C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, High dv/dt
Features
l IXYS advanced low Q
g process
l Internationalstandardpackages
l Low R
DS (on)
l Unclamped Inductive Switching (UIS)
rated
l Fast switching
l Molding epoxies meet UL 94 V-0
flammability classification
Advantages
l Easy to mount
l Space savings
l High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
500
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2.5
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C25
µA
V
GS
= 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
24N50Q
0.23
Note 2
26N50Q
0.20
98512G (5/01)
HiPerFETTM
Power MOSFETs
Q-Class
TO-247 AD (IXFH)
(TAB)
G = Gate,D = Drain,
S = Source,TAB = Drain
TO-268 (D3) (IXFT) Case Style
(TAB)
G
S
V
DSS
I
D25
R
DS(on)
IXFH/IXFT 24N50Q
500 V
24 A
0.23
IXFH/IXFT 26N50Q
500 V
26 A
0.20
t
rr
≤≤≤≤ 250 ns


Similar Part No. - IXFH24N50Q

ManufacturerPart No.DatasheetDescription
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IXFH24N50Q ISC-IXFH24N50Q Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH24N50Q

ManufacturerPart No.DatasheetDescription
IXYS Corporation
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz