Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXFH24N50Q Datasheet(PDF) 4 Page - IXYS Corporation

Part No. IXFH24N50Q
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH24N50Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH24N50Q Datasheet HTML 1Page - IXYS Corporation IXFH24N50Q Datasheet HTML 2Page - IXYS Corporation IXFH24N50Q Datasheet HTML 3Page - IXYS Corporation IXFH24N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
35
40
45
50
Pulse Width - Seconds
10-5
10-4
10-3
10-2
10-1
100
101
0.00
0.01
0.10
1.00
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Gate Charge - nC
0
204060
80
100
120
0
2
4
6
8
10
12
Crss
Coss
Ciss
V
DS = 250 V
I
D = 13 A
I
G = 10 mA
f = 1MHz
T
J = 125
OC
Single Pulse
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
T
J = 25
OC
Fig.7 Gate Charge Characteristic Curve
Fig.8
Capacitance Curves
Fig.9 Drain Current vs Drain to Source Voltage
Fig.10 Transient Thermal Impedance
IXFH 24N50Q
IXFT 24N50Q
IXFH 26N50Q
IXFT 26N50Q


Similar Part No. - IXFH24N50Q

ManufacturerPart No.DatasheetDescription
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IXFH24N50Q ISC-IXFH24N50Q Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH24N50Q

ManufacturerPart No.DatasheetDescription
IXYS Corporation
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz