Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6420IA-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6420IA-TK
Description  Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6420IA-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6420IA-TK Datasheet HTML 3Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 4Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 5Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 6Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 7Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 8Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 9Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 10Page - Intersil Corporation ISL6420IA-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN9151.4
July 18, 2005
REFERENCE AND SOFT-START/ENABLE
Internal Reference Voltage
VREF
-0.6
-
V
Reference Voltage Accuracy
TA = -40°C to 85°C, VIN = 5.6V to 16V
-1.0
-
+1.0
%
Soft-Start Current
ISS
-10-
µA
Soft-Start Threshold
VSOFT
1.0
-
-
V
Enable Low (Converter disabled)
--
1.0
V
PWM CONTROLLER GATE DRIVERS
Gate Drive Peak Current
-0.7
-
A
Rise Time
Co = 1000pF
-
20
-
ns
Fall Time
Co = 1000pF
-
20
-
ns
Dead Time Between Drivers
-20-
ns
ERROR AMPLIFIER
DC Gain (Note 7)
Guaranteed by Design
-
88
-
dB
Gain-Bandwidth Product (Note 7)
GBW
-
15
-
MHz
Slew Rate (Note 7)
SR
-
6
-
V/
µs
PROTECTION
OCSET Current Source
IOCSET
Vocset = 4.5V
80
100
120
µA
POWER GOOD AND CONTROL FUNCTIONS
Power-Good Lower Threshold
VPG-
Fraction of the set point; ~3
µs noise filter
-14
-10
-8
%
Power-Good Higher Threshold
VPG+
Fraction of the set point; ~3
µs noise filter
10
-
16
%
PGOOD Leakage Current
IPGLKG
VPULLUP = 5.5V
-
-
1
µA
PGOOD Voltage Low
IPGOOD = 4mA
-
-
0.5
V
PGOOD Delay
CDEL = 0.1
µF
-
125
-
ms
CDEL Current for PGOOD
CDEL threshold = 2.5V
-
2
-
µA
CDEL Threshold
-2.5
-
V
EXTERNAL REFERENCE
External Reference Input Range at
GPIO1/REFIN.
VMSET/MODE = H, CREFOUT = 2.2µF
0.6
-
1.25
V
REFERENCE BUFFER
Buffered Output Voltage - Internal Reference
VREFOUT IREFOUT = 20mA,
VMSET/MODE = HIGH,
CREFOUT = 2.2µF, TA = -40°C to 85°C
0.585
0.6V
0.615
V
Buffered Output Voltage - External Reference
VREFOUT VREFIN = 1.25V, IREFOUT = 20mA,
VMSET/MODE = HIGH,
CREFOUT = 2.2µF
Vrefin
-0.01
-Vrefin
+0.01
V
Current Drive Capability
CREFOUT = 2.2µF20
-
-
mA
Electrical Specifications
Operating Conditions, Unless Otherwise Noted: VIN = 12V, PVCC shorted with VCC5, TA = 25°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6420


Similar Part No. - ISL6420IA-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420IA-TK RENESAS-ISL6420IA-TK Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6420IA-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com