Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C16M16SA-6TIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C16M16SA-6TIN
Description  Fully synchronous operation
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16SA-6TIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C16M16SA-6TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16SA-6TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
AS4C16M16SA
Confidential
2
Rev. 2.0 63nm
Mar /2014
Figure 1. Pin Assignment (Top View)
1
54
VDD
VSS
2
53
DQ0
DQ15
3
52
VDDQ
VSSQ
4
51
DQ1
DQ14
5
50
DQ2
DQ13
6
49
VSSQ
VDDQ
7
48
DQ3
DQ12
8
47
DQ4
DQ11
9
46
VDDQ
VSSQ
10
45
DQ5
DQ10
11
44
DQ6
DQ9
12
43
VSSQ
VDDQ
13
42
DQ7
DQ8
14
41
VDD
VSS
15
40
LDQM
NC
16
39
WE#
UDQM
17
38
CAS#
CLK
18
37
RAS#
CKE
19
36
CS#
A12
20
35
BA0
A11
21
34
BA1
A9
22
33
A10/AP
A8
23
32
A0
A7
24
31
A1
A6
25
30
A2
A5
26
29
A3
A4
27
28
VDD
VSS
Figure 1.1 Ball Assignment (Top View)
1
2
7
8
A
B
C
D
E
F
G
H
J
3
VSS
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
NC
UDQM
CLK
A12
A11
A8
A7
VSS
A5
VSSQ
VDDQ
VSSQ
VDDQ
VSS
CKE
A9
A6
A4
VDDQ
DQ0
VSSQ
DQ2
VDDQ
DQ4
VSSQ
DQ6
VDD
LDQM
CAS#
RAS#
BA0
BA1
A0
A1
A3
A2
VDD
DQ1
DQ3
DQ5
DQ7
WE#
CS#
A10
VDD
9


Similar Part No. - AS4C16M16SA-6TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16SA-6TIN ALSC-AS4C16M16SA-6TIN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6TIN ALSC-AS4C16M16SA-6TIN Datasheet
1Mb / 55P
   Operating temperature range
More results

Similar Description - AS4C16M16SA-6TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com