Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C16M16S Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C16M16S
Description  Programmable Mode registers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16S Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
AS4C16M16S
Confidential
10
Rev. 3
Feb. /2014
(RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "H", A0-A8 = Column Address)
The Read and AutoPrecharge command automatically performs the precharge operation after the read
operation. Once this command is given, any subsequent command cannot occur within a time delay of
{tRP(min.) + burst length}. At full-page burst, only the read operation is performed in this command and the
auto precharge function is ignored.
6
Write command
(RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "L", A0-A8 = Column Address)
The Write command is used to write a burst of data on consecutive clock cycles from an active row in
an active bank. The bank must be active for at least tRCD(min.) before the Write command is issued. During
write bursts, the first valid data-in element will be registered coincident with the Write command.
Subsequent data elements will be registered on each successive positive clock edge (refer to the following
figure). The DQs remain with high-impedance at the end of the burst unless another command is initiated.
The burst length and burst sequence are determined by the mode register, which is already programmed. A
full-page burst will continue until terminated (at the end of the page it will wrap to column 0 and continue).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN A1
DIN A2
DIN A3
don’t care
T7
T8
COMMAND
NOP
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
The first data element and the write
are registered on the same clock edge
Figure 10. Burst Write Operation (Burst Length = 4)
A write burst without the auto precharge function may be interrupted by a subsequent Write,
BankPrecharge/PrechargeAll, or Read command before the end of the burst length. An interrupt coming
from Write command can occur on any clock cycle following the previous Write command (refer to the
following figure).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN B0
DIN B1
DIN B2
DIN B3
T7
T8
COMMAND
NOP
WRITE A
WRITE B
NOP
NOP
NOP
NOP
NOP
NOP
Figure 11. Write Interrupted by a Write (Burst Length = 4)
The Read command that interrupts a write burst without auto precharge function should be issued one
cycle after the clock edge in which the last data-in element is registered. In order to avoid data contention,
input data must be removed from the DQs at least one clock cycle before the first read data appears on the
outputs (refer to the following figure). Once the Read command is registered, the data inputs will be ignored
and writes will not be executed.


Similar Part No. - AS4C16M16S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
   Operating temperature range
AS4C16M16SA-6TCN ALSC-AS4C16M16SA-6TCN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
More results

Similar Description - AS4C16M16S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S-CI ALSC-AS4C1M16S-CI Datasheet
1Mb / 54P
   Programmable Mode registers
AS4C8M16S ALSC-AS4C8M16S Datasheet
1Mb / 55P
   Programmable Mode registers
AS4C4M32S ALSC-AS4C4M32S Datasheet
1Mb / 46P
   Programmable Mode
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
   Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
NXP Semiconductors
74F399 PHILIPS-74F399 Datasheet
88Kb / 10P
   Registers
1999 Jan 08
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
logo
Fairchild Semiconductor
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
54F651SDM NSC-54F651SDM Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
   Transceivers/Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com