Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDIS5N40 Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDIS5N40
Description  N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDIS5N40 Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDIS5N40 Datasheet HTML 1Page - MagnaChip Semiconductor. MDIS5N40 Datasheet HTML 2Page - MagnaChip Semiconductor. MDIS5N40 Datasheet HTML 3Page - MagnaChip Semiconductor. MDIS5N40 Datasheet HTML 4Page - MagnaChip Semiconductor. MDIS5N40 Datasheet HTML 5Page - MagnaChip Semiconductor. MDIS5N40 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Feb. 2014. Version 1.1
MagnaChip Semiconductor Ltd.
6
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDIS5N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDIS5N40TH ISC-MDIS5N40TH Datasheet
364Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDIS5N40

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDX5N40 MGCHIP-MDX5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDHT3N40 MGCHIP-MDHT3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
MDD3N40 MGCHIP-MDD3N40 Datasheet
1Mb / 7P
   N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
logo
MagnaChip Semiconductor...
MDI5N40 MGCHIP-MDI5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6ohm
logo
STMicroelectronics
IRF740S STMICROELECTRONICS-IRF740S Datasheet
93Kb / 8P
   N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
   N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com