Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C16M16D1-5TIN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C16M16D1-5TIN
Description  Fully synchronous operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16D1-5TIN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16D1-5TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C16M16D1-5TIN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
AS4C16M16D1
Alliance Memory, lnc. Confidential
9
Rev. 1.1
Sep. /2011
 Test Mode field (A8~A7)
These two bits are used to enter the test mode and must be programmed to "00" in normal operation.
Table 9. Test Mode
A8
A7
Test Mode
0
0
Normal mode
1
0
DLL Reset
 (BA0, BA1)
Table 10. MRS/EMRS
BA1
BA0
A12 ~ A0
RFU
0
MRS Cycle
RFU
1
Extended Functions (EMRS)


Similar Part No. - AS4C16M16D1-5TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16D1A ALSC-AS4C16M16D1A Datasheet
2Mb / 64P
   66-pin TSOPII PACKAGE
AS4C16M16D1A-5TCN ALSC-AS4C16M16D1A-5TCN Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C16M16D1A-5TIN ALSC-AS4C16M16D1A-5TIN Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
More results

Similar Description - AS4C16M16D1-5TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com