Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6420IRZ-TK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6420IRZ-TK
Description  Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6420IRZ-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6420IRZ-TK Datasheet HTML 1Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 2Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 3Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 4Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6420IRZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN9151.4
July 18, 2005
Typical 12V Input DC/DC Application Schematic
RT
FB
COMP
SS/EN
REF
-
+
+
-
OSC
VIN
12V
C1
L1
C9
UGATE
OCSET
PHASE
BOOT
D1
Q1
C7
R2
R4
C11
R5
C10
C2
C6
C5
R1
C8
LGATE
Q2
2.5V/1.25V
R3
MONITOR AND
PROTECTION
+
-
+
-
GPIO1/REFIN <-- VREF=VDDQ/2
GPIO2
VMSET/MODE
CDEL
PGND
PVCC
SGND
VCC5
C4
C3
PGOOD
CONFIGURATION FOR DDR TERMINATION/EXTERNALLY REFERENCED TRACKING APPLICATIONS
VCC5
C12
REFOUT
1.25V VREF
VDDQ/VTT
TO REFIN OF VTT SUPPLY
ISL6420


Similar Part No. - ISL6420IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420IRZ-TK RENESAS-ISL6420IRZ-TK Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6420IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com