Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M32S Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C4M32S
Description  Programmable Mode
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M32S Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C4M32S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M32S Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
AS4C4M32S
Alliance Memory Confidential
5
Rev. 3.0 May. /2014
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK.
Table 4 shows the truth table for the operation commands.
Table 2. Truth Table (Note (1), (2))
Command
State
CKEn-1 CKEn DQM(6) BA0,1 A10 A11, A9-0 CS# RAS# CAS# WE#
BankActivate
Idle(3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A7)
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
V
V
H
L
H
L
L
Read
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A7)
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
V
V
H
L
H
L
H
Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry
Active
H
L
X
X
X
X
H
X
X
X
L
V
V
V
Power Down Mode Entry
Any(5)
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Clock Suspend Mode Exit
Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable
Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable
Active
H
X
H
X
X
X
X
X
X
X
Note: 1. V = Valid, X = Don't care, L = Logic low, H = Logic high
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BA signal.
4. Device state is 1, 2, 4, 8, and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle, device state is clock suspend mode.
6. DQM0-3


Similar Part No. - AS4C4M32S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M32SA-6TCN ALSC-AS4C4M32SA-6TCN Datasheet
1Mb / 47P
   4M x 32bit -AS4C4M32SA - 86-pin TSOP II PACKAGE
AS4C4M32SA-6TIN ALSC-AS4C4M32SA-6TIN Datasheet
1Mb / 47P
   4M x 32bit -AS4C4M32SA - 86-pin TSOP II PACKAGE
AS4C4M32SA-7TCN ALSC-AS4C4M32SA-7TCN Datasheet
1Mb / 47P
   4M x 32bit -AS4C4M32SA - 86-pin TSOP II PACKAGE
More results

Similar Description - AS4C4M32S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16S ALSC-AS4C16M16S Datasheet
2Mb / 54P
   Programmable Mode registers
AS4C1M16S-CI ALSC-AS4C1M16S-CI Datasheet
1Mb / 54P
   Programmable Mode registers
AS4C8M16S ALSC-AS4C8M16S Datasheet
1Mb / 55P
   Programmable Mode registers
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Maxim Integrated Produc...
MAX663 MAXIM-MAX663 Datasheet
364Kb / 8P
   Dual Mode??5V/Programmable Vicropower Voltage Regulators
Rev 1; 7/96
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
logo
Analog Devices
AD628 AD-AD628_07 Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
National Semiconductor ...
LM359 NSC-LM359 Datasheet
742Kb / 24P
   Dual, High Speed, Programmable, Current Mode Norton Amplifiers
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com