Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IW4051B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. IW4051B
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

IW4051B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IW4051B
100
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=20.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥ -55
°C
≤ 25
°C
≤ 125
°C
Unit
tPLH, tPHL
Maximum Propagation Delay , Analog Input to
Analog Output (Figure 1)
RL=200kΩ
5
10
15
60
30
20
60
30
20
120
60
40
ns
tPLZ, tPHZ
Maximum Propagation Delay , Address to Analog
Output (Figure 2) RL=10kΩ
VEE=GND=0
5
10
15
720
320
240
720
320
240
1440
640
480
ns
VEE=-5V
5
450
450
900
tPLZ,
tPZL
Maximum Propagation Delay, Enable to Analog
Output (Figure 2) RL=10kΩ
VEE=GND=0
5
10
15
720
320
240
720
320
240
1440
640
480
ns
VEE=-10V
5
400
400
800
tPHZ,
tPZH
Maximum Propagation Delay, Enable to Analog
Output (Figure 2) RL=10kΩ
VEE=GND=0
5
10
15
450
210
160
450
210
160
900
420
320
ns
VEE=-10V
5
300
300
600
CIN
Maximum Input Capacitance, Channel-Select or
Enable Inputs
-
7.5
7.5
7.5
pF
CI/O
Maximum Capacitance
VEE=GND=-5V
CIS
5-
5
-
pF
COS
5-
30
-
Feedthrough CIOS
5-
0.2
-


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn