Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1260 Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1260
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1260 Datasheet(HTML) 2 Page - International Rectifier

  IRU1260 Datasheet HTML 1Page - International Rectifier IRU1260 Datasheet HTML 2Page - International Rectifier IRU1260 Datasheet HTML 3Page - International Rectifier IRU1260 Datasheet HTML 4Page - International Rectifier IRU1260 Datasheet HTML 5Page - International Rectifier IRU1260 Datasheet HTML 6Page - International Rectifier IRU1260 Datasheet HTML 7Page - International Rectifier IRU1260 Datasheet HTML 8Page - International Rectifier IRU1260 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRU1260
2
Rev. 2.1
09/19/02
www.irf.com
VCTRL Input Voltage
Reference Voltage
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Output #2)
(Note 2)
Dropout Voltage (Output #1)
(Note 2)
Current Limit (Output #2)
Current Limit (Output #1)
Thermal Regulation
Ripple Rejection
Feedback Pin Input Current
Temperature Stability
Long Term Stability
RMS Output Noise
Minimum Load Current (Note 3)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
7-PIN PLASTIC TO-263 (M)
7-PIN ULTRA THIN-PAK (P)
θJA=308C/W for 1"sq pad
θJA=308C/W for 1"sq pad
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over CIN=1
mF, COUT=10mF and TJ=0 to 150°C. Typical values
refer to TJ=25
°C. IFL=6A for output #1 and IFL=1A for output #2. VFB=VOUT for both outputs. VCTRL=VIN=3.3V.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically the resistor
divider values are selected such that this current is au-
tomatically maintained.
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between VIN and VOUT required to main-
tain regulation at VOUT. It is measured when the output
voltage drops 1% below its nominal value.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Io=10mA, TJ=25°C
Io=10mA
Io=10mA, VOUT+1.3V<VIN=VCTRL<7V
10mA<Io<IFL
Io=4A, VCTRL=4.75V, VIN=3.3V
Io=3A, VCTRL=4.75V, VIN=3.3V
Io=2A, VCTRL=4.75V, VIN=3.3V
Io=1A, VCTRL=4.75V, VIN=3.3V
Io=1A, VCTRL=VIN=4.75V
DVo=100mV
DVo=100mV
30ms pulse, Io=IFL
f=120Hz, Co=25
mF Tantalum,
Io=0.5
3 IFL
Io=10mA
Io=10mA
TA=125°C, 1000Hrs
TA=25°C, 10Hz<f<10KHz
3.0
1.188
1.176
6.1
1.1
V
V
%
%
V
V
A
A
%/W
dB
mA
%
%
%VO
mA
1.212
1.224
1.0
0.7
0.5
0.6
1.3
0.02
1
1.200
1.200
0.2
0.4
0.35
0.4
0.01
70
0.02
0.5
0.3
0.003
5
VREF
ICL2
ICL1
IFB
VCTRL
VFB1
VFB2
Gnd
VOUT2
VIN
VOUT1
1
2
3
4
5
6
7
1
2
3
4
5
6
7
VCTRL
VFB1
VFB2
Gnd
VOUT2
VIN
VOUT1


Similar Part No. - IRU1260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CM IRF-IRU1260CM Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CP IRF-IRU1260CP Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - IRU1260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com