Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT541ALB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT541ALB
Description  BUFFER/LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT541ALB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT541ALB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT541ALB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT541ALB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT541ALB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT541ALB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT541ALB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT541ALB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
IDT54/74FCT541/A/C
FASTCMOSOCTALBUFFER/LINEDRIVER
1
JUNE 2002
MILITARY AND COMMERCIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2002 Integrated Device Technology, Inc.
DSC-5429/4
FEATURES:
• IDT54FCT541 equivalent to FAST™ speed and drive
• IDT54/74FCT541A up to 25% faster than FAST
• IDT74FCT541C up to 55% faster than FAST
•IOL = 64mA (commercial) and 48mA (military)
• CMOS power levels (1mW typ. static)
• MIlitary product compliant to MIL-STD-883, Class B
• Meets or exceeds JEDEC Standard 18 specifications
• Available in the following packages:
– Commercial: SOIC
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT541/A/C
FAST CMOS OCTAL
BUFFER/LINE DRIVER
DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced dual metal
CMOS technology. The FCT541 is designed to be employed as a memory
and address driver, clock driver and bus-oriented transmitter/receiver
which provides improved board density. The FCT541 is similar in function
to the FCT244, except that the inputs and outputs are on opposite sides of
the package. This pinout arrangement makes these devices especially
useful as output ports for microprocessors and as backplane drivers,
allowing ease of layout and greater board density.
D1
D2
D3
D4
D5
D6
D7
D0
O0
O1
O2
O3
O4
O5
O6
O7
OEA
OEB
1
3
2
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19


Similar Part No. - IDT54FCT541ALB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT541ALB IDT-IDT54FCT541ALB Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT541ALB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74VHCT240A ONSEMI-74VHCT240A Datasheet
236Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126_15 Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
logo
ON Semiconductor
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
   Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com