Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR21N60L Datasheet(PDF) 3 Page - International Rectifier

Part # IRFR21N60L
Description  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR21N60L Datasheet(HTML) 3 Page - International Rectifier

  IRFR21N60L Datasheet HTML 1Page - International Rectifier IRFR21N60L Datasheet HTML 2Page - International Rectifier IRFR21N60L Datasheet HTML 3Page - International Rectifier IRFR21N60L Datasheet HTML 4Page - International Rectifier IRFR21N60L Datasheet HTML 5Page - International Rectifier IRFR21N60L Datasheet HTML 6Page - International Rectifier IRFR21N60L Datasheet HTML 7Page - International Rectifier IRFR21N60L Datasheet HTML 8Page - International Rectifier IRFR21N60L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFP21N60L
www.irf.com
3
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
5.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
5.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 50V
20µs PULSE WIDTH
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 21A
VGS = 10V


Similar Part No. - IRFR21N60L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR210 IRF-IRFR210 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
logo
Vishay Siliconix
IRFR210 VISHAY-IRFR210 Datasheet
2Mb / 8P
   Power MOSFET
S-81394-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR210 KERSEMI-IRFR210 Datasheet
4Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFR210 ISC-IRFR210 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFR210 VISHAY-IRFR210 Datasheet
834Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFR21N60L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com