Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-54143 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # ATF-54143
Description  Low Noise Enhancement Mode Pseudomorphic HEMT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ATF-54143 Datasheet(HTML) 5 Page - Broadcom Corporation.

  ATF-54143 Datasheet HTML 1Page - Broadcom Corporation. ATF-54143 Datasheet HTML 2Page - Broadcom Corporation. ATF-54143 Datasheet HTML 3Page - Broadcom Corporation. ATF-54143 Datasheet HTML 4Page - Broadcom Corporation. ATF-54143 Datasheet HTML 5Page - Broadcom Corporation. ATF-54143 Datasheet HTML 6Page - Broadcom Corporation. ATF-54143 Datasheet HTML 7Page - Broadcom Corporation. ATF-54143 Datasheet HTML 8Page - Broadcom Corporation. ATF-54143 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ATF-54143 Typical Performance Curves, continued
ATF-54143 Reflection Coefficient Parameters tuned for Maximum Output IP3, VDS = 3V, IDS = 60 mA
Freq
ΓOut_Mag.[1]
ΓOut_Ang.[2]
OIP3
P1dB
(GHz)
(Mag)
(Degrees)
(dBm)
(dBm)
0.9
0.017
115
35.54
18.4
2.0
0.026
-85
36.23
20.38
3.9
0.013
173
37.54
20.28
5.8
0.025
102
35.75
18.09
Note:
1. Gamma out is the reflection coefficient of the matching circuit presented to the output of the device.
2. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are based
on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true
Fmin is calculated. Refer to the noise parameter application section for more information.
Figure 17. P1dB vs. Frequency and Temp
Tuned for Max OIP3 and Fmin at 3V, 60 mA.
25 C
-40 C
85 C
FREQUENCY (GHz)
06
2
14
5
3
21
20.5
20
19.5
19
18.5
18
17.5
17
Figure 18. Fmin[1] vs. Frequency and Ids
at 3V.
FREQUENCY (GHz)
02
14
5
6
37
60 mA
40 mA
80 mA
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Figure 15. Fmin[2] vs. Frequency and Temp
Tuned for Max OIP3 and Fmin at 3V, 60 mA.
25 C
-40 C
85 C
FREQUENCY (GHz)
06
2
14
5
3
2
1.5
1.0
0.5
0
Figure 16. OIP3 vs. Frequency and Temp
Tuned for Max OIP3 and Fmin at 3V, 60 mA.
25 C
-40 C
85 C
FREQUENCY (GHz)
06
2
14
5
3
45
40
35
30
25
20
15
10


Similar Part No. - ATF-54143

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-54143 BOARDCOM-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-54143-BLK HP-ATF-54143-BLK Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143-BLKG AVAGO-ATF-54143-BLKG Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-54143-TR1 HP-ATF-54143-TR1 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-54143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-551M4 AVAGO-ATF-551M4 Datasheet
888Kb / 23P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143_15 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-55143 AVAGO-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com