Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-501P8 Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # ATF-501P8
Description  High Linearity Enhancement Mode[1] Pseudomorphic HEMT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ATF-501P8 Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button ATF-501P8 Datasheet HTML 8Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 9Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 10Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 11Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 12Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 13Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 14Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 15Page - Broadcom Corporation. ATF-501P8 Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
ATF-501P8 Typical Scattering Parameters, VDS = 4.5V, IDS = 200 mA
Freq.
S11
S21
S12
S22
MSG/MAG
K
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
factor
0.1
0.922
-131.5
31.1
35.978 112.6
-37.7 0.013
28.9
0.664
-159.8
34.4
0.142
0.2
0.914
-155.7
25.7
19.290 100.1
-36.5 0.015
22.4
0.709
-170.7
31.1
0.274
0.3
0.914
-165.2
22.3
13.088 94.7
-36.5 0.015
22.5
0.719
-175.4
29.4
0.390
0.4
0.911
-170.5
19.8
9.814
91.4
-35.9 0.016
24.9
0.722
-178.4
27.9
0.510
0.5
0.911
-173.3
18.3
8.176
88.6
-35.4 0.017
26.8
0.713
-179.9
26.8
0.577
0.6
0.912
-176.0
16.7
6.834
86.4
-34.9 0.018
29.3
0.713
178.6
25.8
0.653
0.7
0.910
-178.3
15.4
5.861
84.3
-34.4 0.019
31.3
0.716
177.2
24.9
0.725
0.8
0.910
179.9
14.2
5.141
82.3
-34.4 0.019
33.0
0.718
175.5
24.3
0.801
0.9
0.913
178.4
13.2
4.558
80.5
-34.0 0.020
34.9
0.712
175.0
23.6
0.840
1
0.910
176.8
12.2
4.092
78.7
-33.6 0.021
36.6
0.714
173.8
22.9
0.903
1.5
0.904
170.5
8.7
2.718
70.5
-31.4 0.027
41.7
0.721
169.0
18.3
1.077
2
0.905
166.1
6.7
2.153
64.9
-30.2 0.031
44.2
0.721
165.2
16.0
1.161
2.5
0.905
165.2
6.1
2.027
63.7
-29.9 0.032
44.5
0.719
162.5
15.4
1.188
3
0.906
161.1
4.5
1.684
58.3
-28.6 0.037
44.9
0.715
158.5
13.7
1.227
4
0.905
154.9
2.6
1.354
50.3
-27.1 0.044
44.3
0.725
152.9
11.8
1.262
5
0.904
145.1
0.4
1.053
38.5
-24.7 0.058
41.6
0.716
145.7
9.5
1.271
6
0.899
134.9
-1.3
0.863
23.9
-22.9 0.072
34.1
0.712
144.1
7.7
1.263
7
0.905
126.0
-3.6
0.661
10.5
-22.2 0.078
26.0
0.660
132.9
5.6
1.371
8
0.902
115.8
-4.6
0.587
0.3
-20.8 0.091
20.8
0.654
116.3
4.2
1.423
9
0.900
106.4
-5.6
0.527
-11.1
-19.6 0.105
11.1
0.649
114.4
3.0
1.451
10
0.894
95.9
-6.1
0.498
-17.7
-18.9 0.114
8.4
0.700
103.4
2.6
1.412
11
0.882
84.9
-7.0
0.448
-26.8
-17.7 0.130
-0.9
0.746
90.5
1.6
1.407
12
0.873
74.3
-8.1
0.393
-38.8
-17.5 0.133
-7.5
0.738
87.3
0.1
1.614
13
0.856
64.6
-8.1
0.393
-45.4
-16.1 0.156
-13.1
0.768
77.8
-0.1
1.492
14
0.853
56.0
-8.4
0.380
-55.0
-15.6 0.166
-21.4
0.800
68.4
-0.2
1.399
15
0.837
47.4
-8.8
0.361
-64.1
-14.8 0.182
-29.6
0.799
65.2
-1.0
1.439
16
0.829
40.6
-9.2
0.345
-72.0
-14.4 0.190
-35.9
0.763
51.1
-1.8
1.556
17
0.828
32.7
-9.5
0.336
-80.5
-13.4 0.213
-43.3
0.787
38.5
-2.0
1.449
18
0.807
26.1
-10.2 0.310
-88.2
-12.5 0.236
-50.5
0.782
29.1
-3.2
1.542
Notes:
1. S parameter is measured on a microstrip
line made on 0.025 inch thick alumina
carrier. The input reference plane is at the
end of the gate lead. The output reference
plane is at the end of the drain lead.
Figure 57. MSG/MAG & |S21|2 vs. Frequency at
4.5V 200mA.
FREQUENCY (GHz)
0
18
2
4
6
8
10
12
14 16
40
30
20
10
0
-10
-20
S21
MSG
MAG


Similar Part No. - ATF-501P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode
logo
Agilent(Hewlett-Packard...
ATF-501P8-BLK HP-ATF-501P8-BLK Datasheet
204Kb / 23P
   Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-501P8-TR1 HP-ATF-501P8-TR1 Datasheet
204Kb / 23P
   Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-501P8-TR2 HP-ATF-501P8-TR2 Datasheet
204Kb / 23P
   Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
More results

Similar Description - ATF-501P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-50189 BOARDCOM-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT
ATF-53189 BOARDCOM-ATF-53189 Datasheet
514Kb / 17P
   Enhancement Mode[1] Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com