Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT541ADB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT541ADB
Description  BUFFER/LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT541ADB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT541ADB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT541ADB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT541ADB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT541ADB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT541ADB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT541ADB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT541ADB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
IDT54/74FCT541/A/C
FASTCMOSOCTALBUFFER/LINEDRIVER
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
74FCT541A
74FCT541C
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
4.8
1.5
4.1
ns
tPHL
Dx to Ox
RL = 500
tPZH
OutputEnableTime
1.5
6.2
1.5
5.8
ns
tPZL
tPHZ
OutputDisableTime
1.5
5.6
1.5
5.2
ns
tPLZ
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY
54FCT541
54FCT541A
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2) Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
9
1.5
5.1
ns
tPHL
Dx to Ox
RL = 500
tPZH
OutputEnableTime
1.5
10.5
1.5
6.5
ns
tPZL
tPHZ
OutputDisableTime
1.5
10
1.5
5.9
ns
tPLZ
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.


Similar Part No. - IDT74FCT541ADB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT541ADB IDT-IDT74FCT541ADB Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT541ADB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74VHCT240A ONSEMI-74VHCT240A Datasheet
236Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126_15 Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
logo
ON Semiconductor
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
   Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com