Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRM54ALF_R2_00001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # SRM54ALF_R2_00001
Description  ULTRA LOW VF SCHOTTKY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SRM54ALF_R2_00001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  SRM54ALF_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SRM54ALF_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SRM54ALF_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SRM54ALF_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SRM54ALF_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc. SRM54ALF_R2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE . 5
March 28,2016-REV.01
SRM54ALF
Part No_packing code_Version
SRM54ALF_R2_00001
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - SRM54ALF_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SRM54ALF PANJIT-SRM54ALF Datasheet
109Kb / 5P
   ULTRA LOW VF SCHOTTKY
More results

Similar Description - SRM54ALF_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SRM560VF PANJIT-SRM560VF_16 Datasheet
237Kb / 6P
   ULTRA LOW VF SCHOTTKY
SRM54ALF PANJIT-SRM54ALF Datasheet
109Kb / 5P
   ULTRA LOW VF SCHOTTKY
SRM54AV PANJIT-SRM54AV_16 Datasheet
249Kb / 6P
   ULTRA LOW VF SCHOTTKY
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com