Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR510VF_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SR510VF_R2_00001
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SR510VF_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SR510VF_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SR510VF_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SR510VF_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SR510VF_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SR510VF_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc. SR510VF_R2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
July 6,2016-REV.02
SR510VF
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
VOLTAGE
100 Volt
5 Ampere
FEATURES
• Ideal for automated placement
• Ultra low forward voltage drop, low power loss
• High efficiency Operation
• Low thermal resistance
• Ultra thin profile package for space constrained utilization
• Easy pick and place package suitable for automated handling
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF plastic molded
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity: Color band denotes cathode end
• Marking: Part number
CURRENT
MAXIMUM RATINGS (TA=25oC unless otherwise noted)
1
2
Cathode
Anode
NOTES : 1.Mounted on a FR4 PCB, single-sided copper, mini pad.
2.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VR
100
V
Average Rectified Output Current
I F(AV)
5A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
100
A
Typical Junction Capacitance (VR=4V, f=1MHz)
CJ
340
pF
Typical Thermal Resistance
(Notes 1)
(Notes 2)
RΘJA
RΘJC
135
10
oC/W
Operating Junction Temperature and Storage Temperature range
TJ,TSTG
-55 to + 150
oC


Similar Part No. - SR510VF_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR510VF PANJIT-SR510VF Datasheet
107Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR510VF_R2_00001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB1245 FAIRCHILD-SB1245 Datasheet
145Kb / 4P
   Ultra Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT10100UYT PANJIT-SBT10100UYT_16 Datasheet
201Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SRT8100LF PANJIT-SRT8100LF_16 Datasheet
259Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com