Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBA520AF Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # SBA520AF
Description  EXTREME LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBA520AF Datasheet(HTML) 4 Page - Pan Jit International Inc.

  SBA520AF_17 Datasheet HTML 1Page - Pan Jit International Inc. SBA520AF_17 Datasheet HTML 2Page - Pan Jit International Inc. SBA520AF_17 Datasheet HTML 3Page - Pan Jit International Inc. SBA520AF_17 Datasheet HTML 4Page - Pan Jit International Inc. SBA520AF_17 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSBA520AF SERIES
May 18,2017-REV.03
Page 4
Part No Packing Code Version
Part No Packing Code
Package Type
Packing Type
Marking
Version
SBA520AF_R1_00001
SMAF
3K pcs / 7
” reel
SBA520AF
Halogen free
SBA520AF_R2_00001
SMAF
10K pcs / 13
” reel
SBA520AF
Halogen free
SBA530AF_R1_00001
SMAF
3K pcs / 7
” reel
SBA530AF
Halogen free
SBA530AF_R2_00001
SMAF
10K pcs / 13
” reel
SBA530AF
Halogen free
SBA540AF_R1_00001
SMAF
3K pcs / 7
” reel
SBA540AF
Halogen free
SBA540AF_R2_00001
SMAF
10K pcs / 13
” reel
SBA540AF
Halogen free
Mounting Pad Layout


Similar Part No. - SBA520AF_17

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA520AF_R1_00001 PANJIT-SBA520AF_R1_00001 Datasheet
288Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBA520AF_R2_00001 PANJIT-SBA520AF_R2_00001 Datasheet
288Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBA520AF_17

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA320AL PANJIT-SBA320AL Datasheet
289Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AF PANJIT-SBA320AF_16 Datasheet
298Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBT3100XSS PANJIT-SBT3100XSS Datasheet
188Kb / 4P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0820AS PANJIT-SBA0820AS Datasheet
204Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520CA PANJIT-SBA0520CA Datasheet
229Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH PANJIT-SBA320AH Datasheet
292Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SR25UF-AU PANJIT-SR25UF-AU Datasheet
129Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520Q-AU PANJIT-SBA0520Q-AU Datasheet
167Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH-AU PANJIT-SBA320AH-AU Datasheet
186Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
February 6,2018-REV.00
SBT20100UFCT PANJIT-SBT20100UFCT_16 Datasheet
281Kb / 4P
   EXTREME LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com