Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB540L Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SB540L
Description  ULTRA LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB540L Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SB540L_16 Datasheet HTML 1Page - Pan Jit International Inc. SB540L_16 Datasheet HTML 2Page - Pan Jit International Inc. SB540L_16 Datasheet HTML 3Page - Pan Jit International Inc. SB540L_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
April 27,2016­REV.06
SB540L
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
VF, Forward Voltage (V)
TJ=25°C
TJ=75°C
TJ=125°C
TJ=150°C
1
10
100
1000
10000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
TL , Lead Temperature (°C)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
TJ=25°C
TJ=150°C
TJ=125°C
TJ=75°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Percent of Rated Peak Reverse Voltage (%)
0
10
20
30
40
50
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.5 Operating Temperature Derating


Similar Part No. - SB540L_16

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB540L-SMB-R UTC-SB540L-SMB-R Datasheet
150Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SB540L-SMB-R UTC-SB540L-SMB-R Datasheet
193Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB540L-SMC-R UTC-SB540L-SMC-R Datasheet
150Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SB540L-SMC-R UTC-SB540L-SMC-R Datasheet
193Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB540L-Z21D-B UTC-SB540L-Z21D-B Datasheet
193Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB540L_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10100VCT PANJIT-SBT10100VCT_16 Datasheet
229Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM2045VFCT PANJIT-SBM2045VFCT_16 Datasheet
317Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT1550VS PANJIT-SBT1550VS_16 Datasheet
268Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com