Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

961104-6404-AR Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 961104-6404-AR
Description  6 Bit Digital Step Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

961104-6404-AR Datasheet(HTML) 1 Page - Integrated Device Technology

  961104-6404-AR Datasheet HTML 1Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 2Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 3Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 4Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 5Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 6Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 7Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 8Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
1
Rev 1, May 2017
IDTF1912NCGI
Datasheet
GENERAL DESCRIPTION
This document describes the specification for the IDT
F1912 Digital Step Attenuator. The F1912 is part of a
family of
Glitch-FreeTM DSAs optimized for the
demanding requirements of Base Station (BTS) radio
cards and numerous other non-BTS applications.
These devices are offered in a compact 4mm x 4mm
20 pin QFN package with 50Ω impedances for ease of
integration.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in Receivers and
Transmitters to provide gain control. The F1912 is a
6-bit step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (> +60 dBm IIP3.) The device
has pinpoint accuracy. Most importantly, the F1912
includes IDT’s
Glitch-FreeTM technology which results in
low overshoot & ringing during MSB transitions.
Glitch-FreeTM Technology so PA or ADC will not
be damaged during when transitions.
Extremely accurate with low distortion.
Lowest insertion loss for best SNR
APPLICATIONS
 Base Station 2G, 3G, 4G, TDD radio cards
 Repeaters and E911 systems
 Digital Pre-Distortion
 Point to Point Infrastructure
 Public Safety Infrastructure
 WIMAX Receivers and Transmitters
 Military Systems, JTRS radios
 RFID handheld and portable readers
 Cable Infrastructure
ORDERING INFORMATION
FEATURES
 Serial & 6 bit Parallel Interface
 31.5 dB Control Range
 0.5 dB step
Glitch-FreeTM, low transient overshoot
 3.0 V to 5.25 V supply
 1.8 V or 3.3 V control logic
 Attenuation Error < 0.22 dB @ 2 GHz
 Low Insertion Loss < 1.6 dB @ 2 GHz
 Ultra linear IIP3 >+59.5 dBm
 IIP2 = +110 dBm typical
 Stable Integral Non-Linearity over temperature
 Low Current Consumption 550 µA typical
 -40 °C to +105 °C operating temperature
 4mm x 4mm Thin QFN 20 pin package
FUNCTIONAL BLOCK DIAGRAM
Part# Details
Part#
Freq Range
(MHz)
Resolution /
Range (dB)
Control
IL
(dB)
Pinout
F1950
150 - 4000
0.25 / 31.75
Parallel &
Serial
1.3
PE43702
PE43701
F1951
100 - 4000
0.50 / 31.5
Serial Only
1.2
HMC305
F1952
100 – 4000
0.50 / 15.5
Serial Only
0.9
HMC305
F1953
400 – 4000
0.50 / 31.5
Parallel &
Serial
1.3
PE4302
DAT-31R5
F1956
1 - 4000
0.25 / 31.75
Parallel &
Serial
1.4
PE43705,
RFSA3715
F1912
1 – 4000
0.50 / 31.5
Parallel &
Serial
1.4
PE4312
PE4302
Decoder
RF1
RF2
D[5:0]
SPI
Bias
CLK DATA LE
VMODE
Glitch-FreeTM
Glitch-FreeTM
IDTF1912NCGI8
0.8 mm height
package
Green
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - 961104-6404-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
961104-6404-AR IDT-961104-6404-AR Datasheet
1Mb / 27P
   Matched Broadband RF VGA
logo
Renesas Technology Corp
961104-6404-AR RENESAS-961104-6404-AR Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
logo
Integrated Device Techn...
961104-6404-AR IDT-961104-6404-AR Datasheet
1Mb / 28P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
961104-6404-AR RENESAS-961104-6404-AR Datasheet
1Mb / 26P
   Wide flat performance IF BW
Rev4, January 2014
logo
Integrated Device Techn...
961104-6404-AR IDT-961104-6404-AR Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
More results

Similar Description - 961104-6404-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com