Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH16212 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS3VH16212
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH16212 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS3VH16212 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH16212 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH16212 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH16212 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH16212 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH16212 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH16212 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH16212 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS3VH16212
2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC, f = 0
1.5
3
mA
∆ICC
Power Supply Current(2,3) per Input HIGH
VCC = Max., VIN = 3V, f = 0 per Control Input
30
µA
ICCD
Dynamic Power Supply Current(4)
VCC = 3.3V, A and B Pins Open, Control Inputs
See Typical ICCD vs Enable Frequency graph below
Toggling @ 50% Duty Cycle
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per input driven at the specified level. A and B pins do not contribute to
∆Icc.
3. This parameter is guaranteed but not tested.
4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and B inputs do not contribute to the Dynamic Power Supply
Current. This parameter is guaranteed but not production tested.
TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V
ENABLE FREQUENCY (MHz)
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
18
20


Similar Part No. - IDTQS3VH16212

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16212 RENESAS-IDTQS3VH16212 Datasheet
420Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH16212

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS3VH16212 RENESAS-IDTQS3VH16212 Datasheet
420Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH383 IDT-IDTQS3VH383 Datasheet
80Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 8-BIT HIGH BANDWIDTH BUS EXCHANGE BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16211 RENESAS-IDTQS3VH16211 Datasheet
401Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com