Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2703 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # MK2703
Description  PLL AUDIO CLOCK SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK2703 Datasheet(HTML) 3 Page - Integrated Device Technology

  MK2703 Datasheet HTML 1Page - Integrated Device Technology MK2703 Datasheet HTML 2Page - Integrated Device Technology MK2703 Datasheet HTML 3Page - Integrated Device Technology MK2703 Datasheet HTML 4Page - Integrated Device Technology MK2703 Datasheet HTML 5Page - Integrated Device Technology MK2703 Datasheet HTML 6Page - Integrated Device Technology MK2703 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MK2703
PLL AUDIO CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ PLL AUDIO CLOCK SYNTHESIZER
3
MK2703
REV K 051310
stray capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming process,
it is important to keep stray capacitance to a minimum by
using very short PCB traces (and no vias) between the
crystal and device. Crystal capacitors, if needed, must be
connected from each of the pins X1 and X2 to ground.
The value (in pF) of these crystal caps should equal (CL -16
pF)*2. In this equation, CL= crystal load capacitance in pF.
Example: For a crystal with an 18 pF load capacitance, each
crystal capacitor would be 4 pF [(18-16) x 2] = 4.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK2703. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±5% , Ambient temperature -40 to +85
° C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
-0.5 V to 7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, MK2703S (commercial)
0 to +70
° C
Ambient Operating Temperature, MK2703SI (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.13
+5.50
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
5.50
V
Input High Voltage
VIH
X1 pin only
Note 1
(VDD/2)+1 VDD/2
V
Input Low Voltage
VIL
X1 pin only
Note 1
VDD/2 (VDD/2)-1
V
Input High Voltage
VIH
S0, S1 pins
2.0
V
Input Low Voltage
VIL
S0, S1 pins
0.8
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V


Similar Part No. - MK2703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
051310
logo
Integrated Device Techn...
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
042606
logo
Integrated Device Techn...
MK2703BS IDT-MK2703BS Datasheet
188Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
More results

Similar Description - MK2703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Integrated Device Techn...
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
042606
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
   QUAD PLL CLOCK SYNTHESIZER
012005
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com