Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTF1912NCGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTF1912NCGI
Description  6 Bit Digital Step Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF1912NCGI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTF1912NCGI_17 Datasheet HTML 1Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 2Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 3Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 4Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 5Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 6Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 7Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 8Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
3
Rev 1, May 2017
IDTF1912NCGI
Datasheet
F1912 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage(s)
VDD
3
5.25
V
Frequency Range
FRF
1
4000
MHz
Operating Temperature Range
TCASE
Exposed Paddle
-40
105
°C
RF CW Input Power
PCW
RF1 or RF2
See
Figure 1
dBm
Source Impedance
ZSource
Single Ended
50
Ω
Load Impedance
ZLoad
Single Ended
50
Ω
Figure 1 Maximum Continuous Operating RF input power versus Input Frequency
0
4
8
12
16
20
24
28
32
0.01
0.10
1.00
10.00
100.00
1000.00
Frequency (MHz)


Similar Part No. - IDTF1912NCGI_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1912NCGI8 RENESAS-IDTF1912NCGI8 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
More results

Similar Description - IDTF1912NCGI_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com