Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S54AKILFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 853S54AKILFT
Description  Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S54AKILFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 853S54AKILFT Datasheet HTML 7Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 8Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 9Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 10Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 11Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 12Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 13Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 14Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ICS853S54AKI May 27, 2017
11
©2017 Integrated Device Technology, Inc.
ICS853S54I Data Sheet
DUAL 2:1, 1:2 DIFFERENTIAL-TO-LVPECL/ECL MULTIPLEXER
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figures 5A and 5B
show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 5A. 3.3V LVPECL Output Termination
Figure 5B. 3.3V LVPECL Output Termination
R1
84
R2
84
3.3V
R3
125
R4
125
Z
o = 50
Z
o = 50
Input
3.3V
3.3V
+
_


Similar Part No. - 853S54AKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S54AKILFT RENESAS-853S54AKILFT Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
More results

Similar Description - 853S54AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com