Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS780KLRTR-150B-T Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # ACS780KLRTR-150B-T
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780KLRTR-150B-T Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button ACS780KLRTR-150B-T Datasheet HTML 16Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 17Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 18Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 19Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 20Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 21Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 22Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 23Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 24Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 4: ACS780 Current Trace Approach – the desired
range of the angle θ is from 0° to 85°
ENCROACHMENT UNDER THE IC
In the LR package, the encroachment of the current-carrying
trace under the device actually changes the path of the current
flowing through the IP bus. This can cause a change in the cou-
pling factor of the IP bus to the IC and can significantly reduce
deviceperformance.UsingANSYSMaxwellElectromagnetic
Suites, the current density and magnetic field generated from the
currentflowweresimulated.InFigure5,thereareresultsfrom
two different simulations. The first is the case where the current
trace leading up to the IP bus terminates at the desired point. The
second case is where the current trace encroaches far up the IP
bus. The red arrows in both simulations represent the areas of
high current density. In the simulation with no excess overlap, the
red areas, and hence the current density, are very different from
the simulation with the excess overlap. It was also observed that
the field on H1 was larger when there was no excess overlap.
This can be observed by the darker shade of blue.
Figure 5: Simulations of ACS780 Leadframe with Differ-
ent Overlap of the Current Trace and the IP Bus


Similar Part No. - ACS780KLRTR-150B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results

Similar Description - ACS780KLRTR-150B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS781XLR ALLEGRO-ACS781XLR Datasheet
1Mb / 22P
   Core-less, micro-sized, 100 A continuous current package
logo
WAGO Kontakttechnik Gmb...
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
logo
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
   Small-sized, high-brightness package
logo
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
   Initial Charging Current less than 35 A
logo
STANLEY ELECTRIC CO.,LT...
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
   Small-sized, high-brightness package
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
   Continuous Forward Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com